Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXOS8700CQ Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
Sensors
70
Freescale Semiconductor, Inc.
Figure 113. Illustration of magnetic threshold detection
9.16.2
M_THS_SRC (0x53) register
Magnetic threshold interrupt source register.
This register keeps track of the magnetic threshold event which is triggering (or has triggered, when M_THS_CFG[m_ths_ele]
= 1) the event flag. In particular, if M_THS_SRC[m_ths_ea] is set to a logic ‘1’ then the logical combination of magnetic event
flags specified in M_THS_CFG is true.
m_ths_ea
—
m_ths_zhe
m_ths_zhp
m_ths_yhe
m_ths_yhp
m_ths_xhe
m_ths_xhp
00
0
00000
Figure 114. M_THS_SRC register
Table 89. M_THS_SRC bit descriptions
Field
Description
m_ths_ea
Event active flag.
0: No event flag has been asserted
1: One or more event flag(s) has been asserted.
m_ths_zhe
Z-high event flag.
0: No event detected
1: Z-high event has been detected
This bit always reads zero if the m_ths_zefe control bit is set to zero
m_ths_zhp
Z-high event polarity flag.
0: Z event detected was positive polarity
1: Z event detected was negative polarity
This bit always reads zero if the m_ths_zefe control bit is set to zero
m_ths_yhe
Y-high event flag.
0: No event detected
1: Y-high event has been detected
This bit always reads zero if the m_ths_yefe control bit is set to zero
m_ths_yhp
Y-high event polarity flag.
0: Y event detected was positive polarity
1: Y event detected was negative polarity
This bit always reads zero if the m_ths_yefe control bit is set to zero
m_ths_xhe
X-high event flag.
0: No event detected
1: X-high event has been detected
This bit always reads zero if the m_ths_xefe control bit is set to zero
0 Field
-Full Scale
+ Full Scale
Threshold +
Threshold -
X (Y, Z) High
X (Y, Z) High
Larger Field
Smaller Field
X, Y, Z above threshold (positive)
X, Y, Z below threshold (negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com