Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXOS8700CQ Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Sensors
54
Freescale Semiconductor, Inc.
9.10.5
A_VECM_INITX_MSB (0x63) register
9.10.6
A_VECM_INITX_LSB (0x64) register
9.10.7
A_VECM_INITY_MSB (0x65) register
9.10.8
A_VECM_INITY_LSB (0x66) register
—
—
a_vecm_initx[13:8]
0
0
0b000000
Figure 60. A_VECM_INITX_MSB register
Table 59. A_VECM_INITX_MSB bit description
Field
Description
a_vecm_initx[13:8]
Most significant 6 bits of the signed 14-bit initial X-axis value to be used as ref_x when A_VECM_CFG[a_vecm_initm]
= 1. The resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer
resolution.
a_vecm_initx[7:0]
0b00000000
Figure 61. A_VECM_INITX_LSB register
Table 60. A_VECM_INITX_LSB bit description
Field
Description
a_vecm_initx[7:0]
LSB of the signed 14-bit initial X-axis value to be used as ref_x when A_VECM_CFG[a_vecm_initm] = 1. The
resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer resolution.
—
—
a_vecm_inity[13:8]
0
0
0b000000
Figure 62. A_VECM_INITY_MSB register
Table 61. A_VECM_INITY_MSB bit description
Field
Description
a_vecm_inity[13:8]
Most significant 6 bits of the signed 14-bit initial Y-axis value to be used as ref_y when A_VECM_CFG[a_vecm_initm]
= 1. The resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer
resolution.
a_vecm_inity[7:0]
Figure 63. A_VECM_INITY_LSB register
Table 62. A_VECM_INITY_LSB bit description
Field
Description
a_vecm_inity[7:0]
LSB of the signed 14-bit initial Y-axis value to be used as ref_y when A_VECM_CFG[a_vecm_initm] = 1. The resolution
is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com