Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FCT Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
30
MMA7660FC
APPENDIX D - I2C AC CHARACTERISTICS
This section includes information about I2C AC Characteristics.
Table 1. I2C AC Characteristics
(Typical Operating Circuit,
VDD = 1.71 V to 2.75 V, TA = TMIN to TMAX, unless otherwise noted. Typical current values are at
VDD = 1.8 V, TA = +25°C.)
Parameter
Symbol
Min
Typ
Max
Units
Serial Clock Frequency(1)
1. Parameters tested 100% at final test at room temperature; limits at -40°C and +85°C, verified by characterization, not test in production.
fSCL
400
kHz
Bus Free Time Between a STOP and a START Condition(2)
2. Limits verified by characterization, not tested in production.
tBUF
1.3
µs
Hold Time, (Repeated) START Condition(2)
tHD, STA
0.6
µs
Repeated START Condition Setup Time(2)
tSU, STA
0.6
µs
STOP Condition Setup Time(2)
tSU, STO
0.6
µs
Data Hold Time(2)
tHD, DAT
0.9
µs
Data Setup Time(2)
tSU, DAT
100
ns
SCL Clock Low Period(2)
tLOW
1.3
µs
SCL Clock High Period(2)
tHIGH
0.7
µs
Rise Time of Both SDA and SCL Signals, Receiving(2)
tR
20+0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals, Receiving(2)
tF
20+0.1Cb
300
ns
Fall Time of SDA Transmitting(2)
tF.TX
20+0.1Cb
250
ns
Pulse Width of Spike Suppressed(2)
tSP
25
ns
Capacitive Load for Each Bus Line(2)
Cb
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com