Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FCT Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
10
MMA7660FC
MODES OF OPERATION
The sensor has three power modes: Off Mode, Standby Mode, and Active Mode to offer the customer different power
consumption options. The sensor is only capable of running in one of these modes at a time.
The Off Mode offers the lowest power consumption, approximately 0.4 µA and can only be reached by powering down the
analog supply. See Figure 5. In this mode, there is no analog supply and all I2C activity is ignored.
The Standby Mode is ideal for battery operated products. When Standby Mode is active the device outputs are turned off
providing a significant reduction in operating current. When the device is in Standby Mode the current will be reduced to
approximately 3 µA. Standby Mode is entered as soon as both analog and digital power supplies are up. In this mode, the device
can read and write to the registers with I2C, but no new measurements can be taken. The mode of the device is controlled through
the MODE (0x07) control register by accessing the mode bit in the Mode register.
During the Active Mode, continuous measurement on all three axes is enabled. In addition, the user can choose to enable:
Shake Detection, Tap Detection, Orientation Detection, and/or Auto-Wake/Sleep Feature and in this mode the digital analysis for
any of these functions is done. The user can configure the samples per second to any of the following: 1 sample/second,
2 samples/second, 4 samples/second, 8 samples/second, 16 samples/second, 32 samples/second, 64 samples/second, and
120 samples/second, for the Auto-Sleep state. If the user is configuring the Auto-Wake feature, the selectable ranges are:
1 sample/second, 8 samples/second, 16 samples/seconds and 32 samples/second. Depending on the samples per second
selected the power consumption will vary.
Figure 5. State Machine of Modes
Table 5. Modes Of Operation
Measurement and
Power Mode
I²C Bus
DVDD AVDD
Function
Power Down
Mode
DVDD is down, so I2C bus cannot be
used for other devices (MMA7660FC
clamps I2C bus to DVVD pin)
Off
Off
MMA7660FC is powered down in both supplies. I2C activity is
unavailable on bus.
Off
On
MMA7660FC is powered down in digital supply but not analog
supply. I2C activity is unavailable on bus. AVDD power cycling
requires 50 msec.
Off Mode
MMA7660FC will not respond, but I2C
bus can be used for other devices
(MMA7660FC does not load I2C bus)
On
Off
MMA7660FC is powered down in analog supply but not digital
supply. I2C activity is ignored.
Standby Mode
MMA7660FC will respond to I2C bus
On
On
MMA7660FC is powered up in both supplies, so registers can be
accessed normally to set MMA7660FC to Active Mode when
desired. MMA7660FC's sensor measurement system is idle.
Active Mode
Auto-Sleep
Auto-Wake
MMA7660FC will respond to I2C bus
On
On
MMA7660FC is able to operate sensor measurement system at
user programmable samples per second and run all of the digital
analysis functions. Tap detection operates in Active Mode and
Auto-Sleep, but not Auto-Wake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com