Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FCT Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
12
MMA7660FC
Orientation Detection
Orientation Detection Logic
MMA7660FC gives the customer the capability to do orientation detection for such applications as Portrait/Landscape in
Mobile Phone/PDA/ PMP. The tilt orientation of the device is in 3 dimensions and is identified in its last known static position. This
enables a product to set its display orientation appropriately to either portrait/landscape mode, or to turn off the display if the
product is placed upside down. The sensor provides six different positions including: Left, Right, Up, Down, Back, and Front,
shown in Table 7. In Active Mode the data is processed and updates the orientation positions in the TILT (0x03) register. At each
measurement interval, it computes new values for Left, Right, Up, Down, Back, and Front but it does not automatically update
these bits in the TILT (0x03) register. These values are updated depending on the debounce filter settings (SR Register 0x08)
configured by the customer.
In order to give the customer the ability to configure the debounce filter, specific to there application, they can change the
following bits in the SR (0x08) register, FILT [2:0]. Please see below for a more detailed explanation of how the FILT [2:0] works
in conjunction with updating the TILT (0x03) register:
•
If FILT [2:0] = 000, then the new values for Left, Right, Up, Down, Back, and Front are updated in the TILT (0x03) register
(PoLa [2:0] and BaFro [1:0]) after every reading without any further analysis.
•
If FILT [2:0] = 001 – 111, then the sensor requires the computed values for Left, Right, Up, Down, Back, and Front to be the
same from 1-7 consecutive readings (depending on the value in FILT [2:0], before updating the values stored in TILT (0x03)
register (PoLa [2:0] and BaFro [1:0]). The debounce counter is reset after a mismatched reading or the TILT (0x03) register
is updated (if the orientation condition is met).
Figure 6. Orientation Detection Logic in 3-Dimensional Space
Table 7. Orientation Detection Logic of when Interrupt will Occur
Orientation
Xg
Yg
Zg
Shake
|X| > +1.3g
or
|Y| > +1.3g
or
|Z| > +1.3g
Up
|Z| < 0.8g and |X| > |Y| and X < 0
Down
|Z| < 0.8g and |X| > |Y| and X > 0
Right
|Z| < 0.8g and |Y| > |X| and Y < 0
Left
|Z| < 0.8g and |Y| > |X| and Y > 0
Back
Z < -0.25g
Front
Z > 0.25g
Down
Up
Front
Back
Right
Left
Down
Up
Front
Back
Right
Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com