Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FC Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Sensors
15
Freescale Semiconductor, Inc.
MMA7660FC
$03: Tilt Status (Read only)
TILT
BaFro[1:0]
00:Unknown condition of front or back
01: Front: Equipment is lying on its front
10: Back: Equipment is lying on its back
PoLa[2:0]
000: Unknown condition of up or down or left or right
001: Left: Equipment is in landscape mode to the left
010: Right: Equipment is in landscape mode to the right
101: Down: Equipment standing vertically in inverted
orientation
110: Up: Equipment standing vertically in normal orientation
Tap
1: Equipment has detected a tap
0: Equipment has not detected a tap
Alert
0: Register data is valid
1: The register was read at the same time as MMA7660FC
was attempting to update the contents. Re-read the register
Shake
0: Equipment is not experiencing shake in one or more of the
axes enabled by SHINTX, SHINTY, and SHINTZ
1: Equipment is experiencing shake in one or more of the
axes enabled by SHINTX, SHINTY, and SHINTZ
Note: When entering active mode from standby mode, if the device is flat (±1g on Z-axis) the value for BaFro will be back (-1g)
or front (+1g) but PoLa will be in unknown condition. if the device is being held in an Up/Down/Right/Left position, the PoLa value
will be updated with current orientation, but BaFro will be in unknown condition.
$04: Sample Rate Status Register (Read only)
SRST
AMSRS
0: Samples per second specified in AMSR[2:0] is not active
1: Samples per second specified in AMSR[2:0] is active
AWSRS
0: Samples per second specified in AWSR[1:0] is not active
1: Samples per second specified in AWSR[1:0] is active
$05: Sleep Count Register (Read/Write)
SPCNT
Writing to the SPCNT (0x05) register resets the internal sleep counter.
SC[7:0]
Sets the 8-bit maximum count value for the 8-bit internal sleep counter in Auto-Sleep. When the 8-bit internal sleep counter
reaches the value set by SC[7:0], MMA7660FC will exit Auto-Sleep and switch to the samples per second specified in AWSR[1:0]
of the SR (0x08) register.
D7
D6
D5
D4
D3
D2
D1
D0
Shake
Alert
Tap
PoLa[2]
PoLa[1]
PoLa[0]
BaFro[1]
BaFro[0]
000000
0
0
D7
D6
D5
D4
D3
D2
D1
D0
00
0000
AWSRS
AMSRS
00
0000
00
D7
D6
D5
D4
D3
D2
D1
D0
SC[7]SC[6]SC[5]SC[4]SC[3]SC[2]
SC[1]SC[0]
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com