Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
20
MMA7660FC
AWSR[1:0]
NAME
DESCRIPTION
00
AW32
32 Samples/Second Auto-Wake Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 31.25 ms in
Auto-Wake. The update rate is 32 samples per second. These measurements update the XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.
01
AW16
16 Samples/Second Auto-Wake Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 62.5 ms in
Auto-Wake. The update rate is 16 samples per second. These measurements update the XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.
10
AW8
8 Samples/Second Auto-Wake Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 125 ms in
Auto-Wake. The update rate is 8 samples per second. These measurements update the XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.
11
AW1
1 Sample/Second Auto-Wake Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 1000 ms in
Auto-Wake. The update rate is 1 sample per second. These measurements update the XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.
FILT[2:0]
DESCRIPTION
000
Tilt debounce filtering is disabled. The device updates portrait/landscape every reading at the rate set by AMSR[2:0] or
AWSR[1:0]
001
2 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
010
3 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
011
4 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
100
5 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
101
6 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
110
7 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.
111
8 measurement samples at the rate set by AMSR[2:0] or AWSR[1:0] have to match before the device updates portrait/
landscape data in TILT (0x03) register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com