Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5644A Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
62
GPIO[0:3]
GPIO[8:43]
GPIO[62:65]
GPIO[68:70]
GPIO[75:145]
GPIO[179:204]
GPIO[208:213]
GPIO[219]
GPIO[244:245]
SIU - GPIO
Configurable general purpose I/O pins. Each GPIO input and
output is separately controlled by an 8-bit input (GPDI) or output
(GPDO) register. Additionally, each GPIO pins is configured
using a dedicated SIU_PCR register.
The GPIO pins are generally multiplexed with other I/O pin
functions.
See The MPC5644A Microcontroller Reference Manual for more
information.
•
RESET
SIU - Reset
The RESET pin is an active low input. The RESET pin is
asserted by an external device during a power-on or external
reset. The internal reset signal asserts only if the RESET pin
asserts for 10 clock cycles. Assertion of the RESET pin while the
device is in reset causes the reset cycle to start over.
The RESET pin has a glitch detector which detects spikes
greater than two clock cycles in duration that fall below the
switch point of the input buffer logic of the VDDEH input pins.
The switch point lies between the maximum VIL and minimum
VIH specifications for the VDDEH input pins.
RSTCFG
SIU - Reset
Used to enable or disable the PLLREF and the BOOTCFG[0:1]
configuration signals.
0: Get configuration information from BOOTCFG[0:1] and
PLLREF
1: Use default configuration of booting from internal flash with
crystal clock source
Note: For the 176-pin QFP and 208-ball BGA packages
RSTCFG is always 0, so PLLREF and BOOTCFG signals
are used.
RSTOUT
SIU - Reset
The RSTOUT pin is an active low output that uses a push/pull
configuration. The RSTOUT pin is driven to the low state by the
MCU for all internal and external reset sources. There is a delay
between initiation of the reset and the assertion of the RSTOUT
pin.
1 Do not connect pin directly to a power supply or ground.
Table 5. Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com