Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5644A Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
77
3.6.3
Recommended power transistors
The following NPN transistors are recommended for use with the on-chip voltage regulator controller: ON SemiconductorTM
BCP68T1 or NJD2873 as well as Philips SemiconductorTM BCP68. The collector of the external transistor is preferably
connected to the same voltage supply source as the output stage of the regulator.
3.7
Power up/down sequencing
There is no power sequencing required among power sources during power up and power down, in order to operate within
specification.
Although there are no power up/down sequencing requirements to prevent issues such as latch-up or excessive current spikes
the state of the I/O pins during power up/down varies according to Table 19 for all pins with fast pads, and Table 20 for all pins
with medium, slow, and multi-voltage pads.
Re
0.252
0.280
0.308
+/-10%
Creg
10
F
It depends on
external Vreg.
Cc
5
F10F13.5F
X7R, -50%/+35%
Rc
1.1
5.6
May or may not be
required. It depends
on the allowable
power dissipation of
T1.
Table 18. Recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE () DC current gain (Beta)
60 – 550
—
PD
Absolute minimum power dissipation
>1.0
(1.5 preferred)
W
ICMaxDC Minimum peak collector current
1.0
A
VCESAT Collector-to-emitter saturation voltage
200 – 6001
1 Adjust resistor at bipolar transistor collector for 3.3 V/5.0 V to avoid VCE < VCESAT.
mV
VBE
Base-to-emitter voltage
0.4 – 1.0
V
Table 19. Power sequence pin states (fast pads)
VDDE
VRC33
VDD
Pad State
LOW
X
X
LOW
VDDE
LOW
X
HIGH
VDDE
VRC33
LOW
HIGH IMPEDANCE
VDDE
VRC33
VDD
FUNCTIONAL
Table 17. MPC5644A External network specification
External Network
Parameter
Min
Typ
Max
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com