Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5644A Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
90
3.11
Temperature sensor electrical characteristics
3.12
eQADC electrical characteristics
8 Proper PC board layout procedures must be followed to achieve specifications.
9 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of CJITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
10 This value is determined by the crystal manufacturer and board design. For 4 MHz to 40 MHz crystals specified for
this PLL, load capacitors should not exceed these limits.
11 Proper PC board layout procedures must be followed to achieve specifications.
12 This parameter is guaranteed by design rather than 100% tested.
13 VIHEXT cannot exceed VRC33 in external reference mode.
14 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits
in the synthesizer control register (SYNCR).
15 Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 27. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
min
typical
max
—
CC
C Temperature
monitoring range
–40
—
150
°C
—
CC
C Sensitivity
—
6.3
—
mV/°C
—
CC
P Accuracy
TJ = –40 to 150 °C
–10
—
10
°C
Table 28. eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
D
Conversion cycles
2+13
128+14
ADCLK cycles
TSR
CC
C
Stop mode recovery time1
1 Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to
the time that the ADC is ready to perform conversions.Delay from power up to full accuracy = 8 ms.
—10
s
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com