Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL3115A2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
21
7.1
Sensor Status
7.1.1
Status (0x00)
The aliases allow the STATUS register to be read easily before reading the current Pressure/Altitude or Temperature data,
delta Pressure/Altitude or Temperature data or FIFO data using register address auto-incrementing mechanism.
7.1.2
DR_STATUS (0x06)
The STATUS register provides the acquisition status information on a per sample basis, and reflects real-time updates to the
OUT_P and OUT_T registers. The same STATUS register can be read through an alternate address.
Table 10. Register Address Map with FIFO Modes(1)
1.
The Registers in Area A from 0x00 to 0x05 depend on the F_MODE bit setting in FIFO Setup Register (F_SETUP).
F_MODE = 00, FIFO is disabled.
F_MODE = 01 is circular buffer.
F_MODE = 10 is full stop mode.
Register
Address
Name
Reset
Value
Reset
when
STANDBY
to ACTIVE
Type
Auto-Increment
Address
Comment
Registers: Area A (F_Mode = 0, FIFO disabled)
0x00/
0x06
Sensor Status Register (DR_STATUS)
0x00
Yes
R
0x01
DR_STATUS
0x01
Pressure Data Out MSB (OUT P_MSB)
0x00
Yes
R
0x02
0x01
Bits 12-19 of 20-bit
real-time Pressure
sample.
Root pointer to
Pressure and
Temperature
FIFO data.
0x02
Pressure Data Out CSB (OUT_P_CSB)
0x00
Yes
R
0x03
Bits 4-11 of 20-bit real-time Pressure
sample
0x03
Pressure Data Out LSB (OUT_P _LSB)
0x00
Yes
R
0x04
Bits 0-3 of 20-bit real-time Pressure
sample
0x04
Temperature Data Out MSB
(OUT_T_MSB)
0x00
Yes
R
0x05
Bits 4-11 of 12-bit real-time Temperature
sample
0x05
Temperature Data Out LSB
(OUT_T _LSB)
0x00
Yes
R
0x00
Bits 0-3 of 12-bit real-time Temperature
sample
Registers: Area A (F_Mode > 0, FIFO in circular buffer or full stop mode)
0x00/
0x0D
Sensor Status Register (F_STATUS)
0x00
Yes
R
0x01
F_STATUS
0x01
FIFO 8-bit Data Access (F_DATA)
0x00
Yes
R
0x01
0x01
0x02
Read to Reserved Area returns 00
0x00
N/A
0x03
0x03
Read to Reserved Area returns 00
0x00
N/A
0x04
0x04
Read to Reserved Area returns 00
0x00
N/A
0x05
0x05
Read to Reserved Area returns 00
0x00
N/A
0x00
Table 11. Alias for DR_Status (0x06) or F_Status (0x0D)
FIFO Data Enabled Mode Bit Setting
F_MODE = 00(1)
1.
The F_MODE is defined in Section 7.3.3
0x00 = DR_STATUS (0x06)
F_MODE > 00
0x00 = F_STATUS (0x0D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com