Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL3115A2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
9
3.2
Absolute Maximum Ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for ex-
tended periods may affect device reliability.
Table 5. Maximum Ratings
Characteristic
Symbol
Value
Unit
Maximum Applied Pressure
Pmax
500
kPa
Supply Voltage
VDD
-0.3 to 3.6
V
Interface Supply Voltage
VDDIO
-0.3 to 3.6
V
Input Voltage on any Control Pin (SCL, SDA)
VIN
-0.3 to VDDIO + 0.3
V
Operating Temperature Range
TOP
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +125
°C
Table 6. ESD And Latch-up Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latch-up Current at T = 85°C
—
±100
mA
This is a mechanical shock sensitive device, improper handling can cause permanent damage to the part or
cause the part to otherwise fail.
This is an ESD sensitive device, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com