| Electronic Components Datasheet Search |
|
MPL3115A2 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL3115A2 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 44 page ![]() MPL3115A2 Sensors Freescale Semiconductor, Inc. 31 7.14 Maximum Pressure 7.14.1 P_MAX_MSB, P_MAX_CSB, P_MAX_LSB (0x21, 0x22, 0x23) Register with captured maximum Pressure/Altitude value. The Altitude data is arranged as 20-bit 2’s complement value in meters. Stored as meters with the 16 bits of P_MAX_MSB and P_MAX_CSB and with fractions of a meter stored in 4 bits in position 7-4 of P_MAX_LSB. The Pressure is arranged as 20-bit unsigned data in Pascals. The first 18 bits are located in P_MAX_MSB, P_MAX_CSB and bits 7-6 of P_MAX_LSB. The 2 bits in position 5-4 of P_MAX_LSB represent the fractional component. The register is cleared on power-up or manually by writing ‘0’ to the registers. 7.15 Minimum Temperature 7.15.1 T_MIN_MSB, T_MIN_LSB (0x1F, 0x20) Register with captured minimum temperature value. The Temperature data is arranged as 12-bit 2’s complement value in degrees C. The 8 bits of T_MIN_MSB representing de- grees and with fractions of a degree stored in 4 bits in position 7-4 of T_MIN_LSB. The register is cleared on power-up or manually by writing ‘0’ to the registers. Table 50. P_MAX_MSB Register 7 6 5432 1 0 R P_MAX 19 P_MAX 18 P_MAX 17 P_MAX 16 P_MAX 15 P_MAX 14 P_MAX 13 P_MAX 12 W Reset 0 0 0000 0 0 Table 51. P_MAX_CSB Register 7 6 5432 1 0 R P_MAX 11 P_MAX 10 P_MAX 9 P_MAX 8 P_MAX 7 P_MAX 6 P_MAX 5 P_MAX 4 W Reset 0 0 0000 0 0 Table 52. P_MAX_LSB Register 7 6 5432 1 0 R P_MAX 3 P_MAX 2 P_MAX 1 P_MAX0 00 0 0 W Reset 0 0 0000 0 0 Table 53. T_MIN_MSB Register 7 6 5 43 210 R T_MIN 11 T_MIN 10 T_MIN 9 T_MIN 8 T_MIN 7 T_MIN 6 T_MIN 5 T_MIN 4 W Reset 0 0 0 00 000 Table 54. T_MIN_LSB Register 7 6543 21 0 R T_MIN 3 T_MIN 2 T_MIN 1 T_MIN 0 00 00 W Reset 0 0000 00 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |