Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation SP2526 Datasheet HTML 10Page - Sipex Corporation SP2526 Datasheet HTML 11Page - Sipex Corporation SP2526 Datasheet HTML 12Page - Sipex Corporation SP2526 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
Figure 5. An RC Filter for Overcurrent Faults
Figure 4. Bypass Capacitor at the Supply Pins
Table 1. USB Protocol Compliance of the SP2526 device
t
n
e
m
e
r
i
u
q
e
R
B
S
U
e
r
u
t
a
e
F
t
n
a
i
l
p
m
o
C
6
2
5
2
P
S
d
e
r
i
u
q
e
r
g
n
i
t
i
m
il
t
n
e
r
r
u
c
h
s
u
r
n
I
s
m
1
n
i
n
o
s
n
r
u
t
t
r
a
t
s
t
f
o
S
0
0
5
<
f
o
e
t
a
t
S
d
n
e
p
s
u
S
µ
d
e
r
i
u
q
e
R
A1
f
o
t
n
e
r
r
u
C
d
n
e
p
s
u
S
µ
m
u
m
i
x
a
m
A
m
u
m
i
x
a
m
V
m
0
5
3
e
v
a
h
t
s
u
m
s
b
u
h
d
e
r
e
w
o
p
s
u
B
t
r
o
p
o
t
g
u
l
p
e
l
b
a
c
m
o
r
f
p
o
r
d
m
0
4
1
f
o
e
c
n
a
t
s
i
s
e
r
n
o
h
c
t
i
w
S
Ω
m
u
m
i
x
a
m
)
A
m
0
0
5
t
a
V
m
0
7
o
t
s
e
t
a
l
s
n
a
r
t
(
V
5
2
.
5
+
o
t
V
5
7
.
4
+
s
i
t
r
o
p
b
u
h
r
o
t
s
o
h
o
t
d
e
il
p
p
u
s
e
g
a
t
l
o
V
V
5
.
5
+
o
t
V
0
.
3
+
f
o
e
g
n
a
r
g
n
i
t
a
r
e
p
O
e
l
b
a
t
s
a
e
v
a
h
t
s
u
m
r
e
w
o
p
s
u
b
s
w
a
r
d
t
a
h
t
e
c
i
v
e
d
A
V
f
o
s
m
0
0
1
n
i
h
t
i
w
y
l
p
p
u
s
S
U
B
V
4
.
4
+
g
n
i
h
c
a
e
r
s
m
1
n
i
n
o
s
n
r
u
T
d
e
r
i
u
q
e
r
y
t
il
i
b
a
p
a
c
g
n
i
t
r
o
p
e
r
t
n
e
r
r
u
c
-
r
e
v
O
s
g
a
l
f
t
l
u
a
f
n
i
a
r
d
n
e
p
O
ENA 1
FLGA 2
FLGB 3
ENB 4
0.1
µF to 1.0µF
8 OUTA
7 IN
6 GND
5 OUTB
SP2526
VIN
ENA 1
FLGA 2
FLGB 3
ENB 4
USB
Controller
0.1
µF
8 OUTA
7 IN
6 GND
5 OUTB
SP2526
OVERCURRENT
10k
Ω
10k
Ω
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com