Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 1 Page - Sipex Corporation

  SP2526 Datasheet HTML 1Page - Sipex Corporation SP2526 Datasheet HTML 2Page - Sipex Corporation SP2526 Datasheet HTML 3Page - Sipex Corporation SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
s Compliant to USB Specifications
s +3.0V to +5.5V Input Voltage Range
s Two Independent Power Switches
s Two Error Flag Outputs, Open Drain
s 2.7V Undervoltage Lockout
s 500mA Minimum Continuous Load
Current Per Switch
s 1.25A Short Circuit Current Limit
s 140m
Ω Maximum On-Resistance
SP2526
DESCRIPTION
The SP2526 device is a dual +3.0V to +5.5V USB Supervisory Power Control Switch ideal for
self-powered and bus-powered Universal Serial Bus (USB) applications. Each switch has low
on-resistance (80m
Ω typical) and can supply 500mA minimum. The fault currents are limited
to 2.0A typical and the flag output pin for each switch is available to indicate fault conditions
to the USB controller. The 1ms soft start will eliminate any momentary voltage droop on the
upstream port that may occur when the switch is enabled in bus-powered applications. The
thermal shutdown feature will prevent damage to the device when subjected to excessive
current loads. The undervoltage lockout feature will ensure that the device will remain off
unless there is a valid input voltage present.
ENA
GND
OUTA
FLGA
FLGB
OUTB
IN
ENB
SP2526
8
7
4
3
2
1
5
6
+3.0V to +5.5V USB Power Control Switch
®
s 80
µA On-State Supply Current
s 1
µA Shutdown Current
s Output Can Be Forced Higher Than
Input (Off-State)
s Thermal Shutdown
s 1ms Soft-Start Power Up
s Active-High Version: SP2526-1
s Active-Low Version: SP2526-2


Similar Part No. - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Sipex Corporation
SP2526-1 SIPEX-SP2526-1 Datasheet
118Kb / 8P
Evaluation Board Manual
SP2526-1EN SIPEX-SP2526-1EN Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2526-1EN/TR SIPEX-SP2526-1EN/TR Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
More results

Similar Description - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
2.7V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
HI-4853 ETC2-HI-4853 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
logo
Maxim Integrated Produc...
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
3.0V to 5.5V Single-Supply Operation
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com