Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 2 Page - Sipex Corporation

  SP2526 Datasheet HTML 1Page - Sipex Corporation SP2526 Datasheet HTML 2Page - Sipex Corporation SP2526 Datasheet HTML 3Page - Sipex Corporation SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifica-
tions below is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time
may affect reliability.
Supply Voltage......................................-0.3V, +6.0V
Operating Temperature.....................-40˚C to +85˚C
Storage Temperature......................-65˚C to +150˚C
Power Dissipation Per Package
8-pin NSOIC
(derate 6.14mW/OC above+70OC).................500mW
8-pin PDIP
(derate 11.8mW/OC above+70OC)...............1000mW
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for V
IN = +5.0V, TA = 25
°C.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
N
I
0
.
35
.
5V
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
N
I
5
0
.
0
0
8
0
.
5
0
6
1
µA
d
a
o
l
t
u
p
t
u
o
o
n
,
f
f
o
e
l
b
a
n
e
d
a
o
l
t
u
p
t
u
o
o
n
,
n
o
e
l
b
a
n
e
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
E
e
g
a
t
l
o
V8
.
0
1
.
2
9
.
1
4
.
2
V
n
o
i
t
i
s
n
a
r
t
h
g
i
h
o
t
w
o
l
n
o
i
t
i
s
n
a
r
t
w
o
l
o
t
h
g
i
h
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
E1
0
.
0
1
0
.
0
1
1
µA
V
N
E
V
=
)
n
i
m
(
H
O
V
4
.
2
=
V
N
E
V
=
)
x
a
m
(
L
O
V
8
.
0
=
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
e
l
b
a
n
E1
F
p
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
S0
80
4
1m
V
3
.
3<V
N
I
<
I
,
V
0
.
5
L<
A
m
0
0
5
y
a
l
e
D
n
O
-
n
r
u
T
t
u
p
t
u
O5
.
0s
mR
L
0
1
=
t
u
p
t
u
o
h
c
a
e
e
m
i
T
e
s
i
R
n
O
-
n
r
u
T
t
u
p
t
u
O1
s
mR
L
0
1
=
t
u
p
t
u
o
h
c
a
e
y
a
l
e
D
f
f
O
-
n
r
u
T
t
u
p
t
u
O1
0
2
µs
R
L
0
1
=
t
u
p
t
u
o
h
c
a
e
e
m
i
T
ll
a
F
f
f
O
-
n
r
u
T
t
u
p
t
u
O1
0
2
µs
R
L
0
1
=
t
u
p
t
u
o
h
c
a
e
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O2
0
.0
1
µA
t
u
p
t
u
o
h
c
a
e
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
C0
.
28
.
2A
t
u
p
t
u
o
e
l
b
a
n
e
o
t
d
e
il
p
p
a
d
a
o
l
d
e
p
m
a
R
,
t
u
p
t
u
o
h
c
a
e
t
i
m
i
L
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S5
.
05
7
.
05
2
.
1A
V
,
t
u
p
t
u
o
h
c
a
e
T
U
O
V
0
=
n
w
o
d
t
u
h
S
e
r
u
t
a
r
e
p
m
e
T
-
r
e
v
O
d
l
o
h
s
e
r
h
T
5
3
1
5
2
1
OC
e
r
u
t
a
r
e
p
m
e
t
g
n
i
s
a
e
r
c
n
i
e
r
u
t
a
r
e
p
m
e
t
g
n
i
s
a
e
r
c
e
d
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
g
a
l
F
r
o
r
r
E0
1
5
1
5
2
0
4
V
N
I
I
,
V
5
=
L
A
m
0
1
=
V
N
I
I
,
V
3
.
3
=
L
A
m
0
1
=
t
n
e
r
r
u
C
f
f
O
g
a
l
F
r
o
r
r
E1
0
.
01
µA
V
G
A
L
F
V
5
=
d
l
o
h
s
e
r
h
T
O
L
V
U
5
.
2
7
.
2
6
.
2
0
.
3
V
V
N
I
T
,
g
n
i
s
a
e
r
c
n
i
N
I
M
T
o
t
X
A
M,V N
I
g
n
i
s
a
e
r
c
e
d
, T
N
I
M
T
o
t
X
A
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com