Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220E Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 6Page - Sipex Corporation SP3220E Datasheet HTML 7Page - Sipex Corporation SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
11/07/02
SP3220E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
10
Table 2. Truth Table Logic for Shutdown and
Enable Control
N
D
H
SN
ET
U
O
x
TT
U
O
x
R
00
e
t
a
t
s
-
i
r
Te
v
i
t
c
A
01
e
t
a
t
s
-
i
r
Te
t
a
t
s
-
i
r
T
10
e
v
i
t
c
Ae
v
i
t
c
A
11
e
v
i
t
c
Ae
t
a
t
s
-
i
r
T
Receivers
The receiver converts EIA/TIA-232 levels to
TTL or CMOS logic output levels. The receiver
has an inverting high-impedance output. This
receiver output (RxOUT) is at high-impedance
when the enable control EN = HIGH. In the
shutdown mode, the receiver can be active or
inactive. EN has no effect on TxOUT. The truth
table logic of the SP3220E driver and receiver
outputs can be found in Table 2.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV.
This ensures that the receiver is virtually
immune to noisy transmission lines. Should an
input be left unconnected, a 5k
Ω pulldown
resistor to ground will commit the output of the
receiver to a HIGH state.
Charge Pump
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage shifting
technique to attain symmetrical 5.5V power
supplies. The internal power supply consists of
a regulated dual charge pump that provides
output voltages 5.5V regardless of the input
voltage (V
CC) over the +3.0V to +5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a 0.1
µF
bypass capacitor at C5 (refer to Figures 5).
In applications that are sensitive to power-
supply noise, decouple V
CC to ground with a
capacitor of the same value as charge-pump
capacitor C1. Physically connect bypass
capacitors as close to the IC as possible.
The charge pumps operate in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a magnitude of 5.5V, the
charge pumps are enabled. If the output voltage
exceed a magnitude of 5.5V, the charge pumps
are disabled. This oscillator controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to VCC. Cl
+ is then
switched to GND and the charge in C
1
– is
transferred to C
2
–. Since C
2
+ is connected to V
CC,
the voltage potential across capacitor C
2 is now
2 times V
CC.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to GND. This transfers a negative generated
voltage to C
3.
This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage to
C
3, the positive side of capacitor C1 is switched
to V
CC and the negative side is connected to GND.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2.
Since C
2
+ is at V
CC, the
voltage potential across C
2 is 2 times VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com