Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220E Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation SP3220E Datasheet HTML 17Page - Sipex Corporation SP3220E Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
11/07/02
SP3220E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
14
Figure 16. ESD Test Waveform for IEC1000-4-2
30A
0A
15A
t=30ns
t ➙
t=0ns
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge
Direct Contact
Level
Driver Outputs
+15kV
+15kV
+8kV
4
Receiver Inputs
+15kV
+15kV
+8kV
4
Table 3. Transceiver ESD Tolerance Levels
For the Human Body Model, the current
limiting resistor (R
S) and the source capacitor
(C
S) are 1.5kΩ an 100pF, respectively. For
IEC-1000-4-2, the current limiting resistor (R
S)
and the source capacitor (C
S) are 330Ω an 150pF,
respectively.
The higher C
S value and lower RS value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage
capacitor injects a higher voltage to the test
point when SW2 is switched on. The lower
current limiting resistor increases the current
charge onto the test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com