Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220E Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 7Page - Sipex Corporation SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
11/07/02
SP3220E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2000 Sipex Corporation
Phase 4
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND,
and transfers this positive generated voltage
across C
2 to C4, the VDD storage capacitor. This
voltage is regulated to +5.5V. At this voltage,
the internal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the positive
side of capacitor C
1 is switched to VCC and the
negative side is connected to GND, allowing the
charge pump cycle to begin again. The charge
pump cycle will continue as long as the
operational conditions for the internal oscillator
are present.
Since both V+ and V– are separately generated
from V
CC; in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 250kHz. The external capacitors can
be as low as 0.1
µF with a 16V breakdown
voltage rating.
ESD Tolerance
The SP3220E device incorporates ruggedized
ESD cells on all driver output and receiver
input pins. The ESD structure is improved over
our previous family for more rugged applications
and environments sensitive to electro-static
discharges and associated transients. The
improved ESD tolerance is at least +15kV
without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
c) IEC1000-4-2 Direct Contact
The Human Body Model has been the generally
accepted ESD testing method for semiconductors.
This method is also specified in MIL-STD-883,
Method 3015.7 for ESD testing. The premise of
this ESD test is to simulate the human body’s
potential to store electro-static energy and
discharge it to an integrated circuit. The
simulation is performed by using a test model as
shown in Figure 14. This method will test the
IC’s capability to withstand an ESD transient
during normal handling such as in manufacturing
areas where the ICs tend to be handled
frequently.
The IEC-1000-4-2, formerly IEC801-2, is
generally used for testing ESD on equipment
and systems. For system manufacturers, they
must guarantee a certain amount of ESD
protection since the system itself is exposed to
the outside environment and human presence.
The premise with IEC1000-4-2 is that the
system is required to withstand an amount of
static electricity when ESD is applied to points
and surfaces of the equipment that are
accessible to personnel during normal usage.
The transceiver IC receives most of the ESD
current when the ESD source is applied to the
connector pins. The test circuit for IEC1000-4-2
is shown on Figure 15. There are two methods
within IEC1000-4-2, the Air Discharge method
and the Contact Discharge method.
With the Air Discharge Method, an ESD
voltage is applied to the equipment under
test (EUT) through air. This simulates an
electrically charged person ready to connect a
cable onto the rear of the system only to find
an unpleasant zap just before the person
touches the back panel. The high energy
potential on the person discharges through
an arcing path to the rear panel of the system
before he or she even touches the system. This
energy, whether discharged directly or through
air, is predominantly a function of the discharge
current rather than the discharge voltage.
Variables with an air discharge such as
approach speed of the object carrying the ESD
potential to the system and humidity will tend to
change the discharge current. For example, the
rise time of the discharge current varies with
the approach speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com