Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP818 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP818
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2DP818_12 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 9Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 10Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY2DP818
Document Number: 38-07061 Rev. *D
Page 7 of 13
AC Switching Characteristics
Table 7. LVPECL Output, VDD = 3.3 V ± 5%, TA = 0 C to 70C or –40 C to 85 C
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOD
Driver Differential Output voltage
p-p
VDD = Min, VIN = VIH or VIL,
RL = 50 
1000
–
3600
mV
VOC
Driver common-mode p-p
VDD = Min, VIN = VIH or VIL,
RL = 50 
––
300
mV
tR
Rise Time
Differential 20% to 80%,
CL = 10 pF to GND,
RL = 50  to GND
300
–
1200
ps
tF
Fall Time
VOH
Output High Voltage
VDD = Min, VIN = VIH or VIL,
IOH = –12 mA
2.1
–
3.0
V
VOL[2]
Output Low Voltage
VDD = Min, VIN = VIH or VIL
0.8
–
1.3
V
IOS
Short Circuit Current
VDD = Max, VOUT = GND
–125
–
–150
mA
Table 8. VDD = 3.3 V ± 5%, TA = 0 C to 70 C or –40 C to 85 C
Parameter
Description
Conditions
Min
Typ
Max
Unit
tPLH
Propagation Delay – Low to High VID = 100 mV
3
4
5
ns
tPHL
Propagation Delay – High to Low VID = 100 mV
3
4
5
ns
tSK(0)
Output Skew: Skew between
outputs of the same package
(in phase)
–
–
0.2
ns
tSK(p)
Pulse Skew: Skew between
opposite transitions of the same
output (tPHL–tPLH)
–
0.2
–
ns
tSK(t)
Package Skew: Skew between
outputs of different packages at
the same power supply voltage,
temperature and package type.
Same input signal level and
output load.
VID = 100 mV
–
–
1
ns
Table 9. High frequency Parametrics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Fmax
Maximum frequency
VDD = 3.3 V
45%–55% duty cycle
Standard load circuit
–
–
350
MHz
Note
2. VOL levels are dependent on the termination voltage VTT and termination resistance RTT. Changing either of these values will affect VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com