Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP818 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP818
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP818_12 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY2DP818
1:8 Clock Fanout Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07061 Rev. *D
Revised August 20, 2012
1:8 Clock Fanout Buffer
Features
■ Low-voltage operation VDD = 3.3 V
■ 1:8 fanout
■ Operation to350 MHz
■ Single input configurable for LVDS, LVPECL, or LVTTL
■ 8 pair of LVPECL outputs
■ Drives a 50 ohm load
■ Low input capacitance
■ Low output skew
■ Low propagation delay (tpd = 4 ns, typical)
■ Commercial and Industrial temperature ranges
■ 38-pin TSSOP Package
Description
The Cypress CY2DP818 fanout buffer features a single LVDS or
a single ended LVTTL compatible input and eight LVPECL output
pairs.
Designed
for
data-communications
clock
management
applications, the large fanout from a single input reduces loading
on the input clock.
The CY2DP818 is ideal for both level translations from single
ended to LVPECL and/or for the distribution of LVPECL based
clock signals.
The Cypress CY2DP818 has configurable input functions. The
input is user configurable via the InConfig pin for single ended or
differential input.
Logic Block Diagram
INPUT
(LVPECL / LVDS / LVTTL)
OUTPUT
(LVPECL)
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4A
Q4B
Q5A
Q5B
Q6A
Q6B
Q7A
Q7B
Q8A
Q8B
INPUT A
INPUT B
InConfig


Similar Part No. - CY2DP818_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
410Kb / 9P
1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
1:8 Clock Fanout Buffer
CY2DP818ZC CYPRESS-CY2DP818ZC Datasheet
92Kb / 8P
1:8 Clock Fanout Buffer
CY2DP818ZC-2 CYPRESS-CY2DP818ZC-2 Datasheet
132Kb / 8P
1:8 Clock Fanout Buffer
More results

Similar Description - CY2DP818_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
1:8 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
1:8 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
1:8 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
1:8 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com