Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP818 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2DP818
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2DP818_12 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 9Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 10Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 11Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY2DP818
Document Number: 38-07061 Rev. *D
Page 8 of 13
Figure 2. Driver Design
Figure 3. Standard Termination
Figure 4. Differential Receiver to Driver Propagation Delay and Driver Transition Time[3,4,5,6]
Figure 5. Test Circuit and Voltage Definitions for the Driver Common Mode Output Voltage [3, 4, 5, 6]
TPA
TPC
TPB
50
50
GND
150
150
Pulse
Generator
A
B
10pF
VDD-2V
80%
20%
0V Differential
QnA - QnB
t
F
1.4 V
1.0 V
INPUT A
INPUT B
QnA
QnB
t
R
t
PLH
t
PHL
2.0V
1.6V
INPUT A
INPUT B
Next Device
VOD
VOC
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
Notes
3. All input pulses are supplied by a frequency generator with the following characteristics: tR and tF  1 ns; pulse rerate = 50 Mpps; pulse width = 10 0.2 ns.
4. RL = 50 ohm
1%; Zline = 50 ohm 6”.
5. CL includes instrumentation and fixture capacitance within 6 mm of the UT.
6. TPA and B are used for prop delay and Rise/Fall measurements. TPC is used for VOC measurements only and is otherwise connected to VDD – 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com