Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-3R3LSF Datasheet(PDF) 55 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 55 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 51Page - NEC PI-3R3LSF Datasheet HTML 52Page - NEC PI-3R3LSF Datasheet HTML 53Page - NEC PI-3R3LSF Datasheet HTML 54Page - NEC PI-3R3LSF Datasheet HTML 55Page - NEC PI-3R3LSF Datasheet HTML 56Page - NEC PI-3R3LSF Datasheet HTML 57Page - NEC PI-3R3LSF Datasheet HTML 58Page - NEC PI-3R3LSF Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
Power Inductors VOL.10
55
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P
・H-LMF Type
PH-151LMF
PH-900LMF
PH-121LMF
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P
・H-LSF Type
PH-121LSF
PH-111LSF
DC-Superposed Characteristics
Numbering System
P
・H -
Series
Inductance 121:120μH
Type L : Choke Coil
Dimensions
NEC TOKIN control number
a
b
cb
Recommended Land Pattern
[mm]
abc
6.0
5.0
9.0
Shape and Dimensions
[mm]
9.5
±0.4
●S Type
5.0
max
(0.9)
(0.9)
12.7
±0.4
●M Type
6.0
max
(1.2)
(1.2)
・ Precautions (see page 82)
Leadless Power Inductors
P
・H Series
Leadless Power Inductors
P
・H Series
●Storage temperature range: −40 to +105℃
Choke coil
(9 7 5)
Choke coil
(12 10 6)
P
・H-121LSF
P
・H-111LSF
P
・H-151LMF
P
・H-121LMF
P
・H-900LMF
P
・H-820LMF
120±25%
110±30%
150±25%
120±25%
90±25%
82±25%
0.80
0.60
0.55
0.45
0.40
0.34
0.5
0.7
0.7
0.9
1.0
1.2
●P・H Series
Type
Rated current
(A)
Model
Inductance
(μH)at 100kHz
DC resistance
(Ω)max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com