Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-3R3LSF Datasheet(PDF) 16 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 16 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 12Page - NEC PI-3R3LSF Datasheet HTML 13Page - NEC PI-3R3LSF Datasheet HTML 14Page - NEC PI-3R3LSF Datasheet HTML 15Page - NEC PI-3R3LSF Datasheet HTML 16Page - NEC PI-3R3LSF Datasheet HTML 17Page - NEC PI-3R3LSF Datasheet HTML 18Page - NEC PI-3R3LSF Datasheet HTML 19Page - NEC PI-3R3LSF Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Power Inductors VOL.10
16
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
±
[mm]
[mm]
2.0
ø330
±1.0
ø80
±0.5
ø13.5
±0.8
ø21.0
±0.5
2.0
R1.0
±2.0
24.4
B
C
D
A
r
W1
0
W2
±3.0
30.4
Dimensions of indented square hole plastic tape
MPLC1040 Series
(500pcs./reel)
Reel dimensions
REEL
REEL
T
P0
D0
F
E1
P2
P1
W2
W1
C
A0
D
[mm]
W
±0.3
24.0
F
±0.1
11.5
E
±0.1
1.75
P1
1
±0.1
16.0
P2
±0.1
2.0
P00
±0.1
4.0
øD
±0.05
1.55
T
±0.05
0.4
Dimensions of indented square hole plastic tape
MPLC0730 Series
(1000pcs./reel)
Reel dimensions
±
[mm]
[mm]
5.0
ø380
±5.0
ø80
±0.5
ø13.5
±0.8
ø21.0
±0.5
2.0
R1.0
±0.5
25.5
B
C
D
A
r
W1
0
W2
±0.5
29.5
REEL
REEL
T
P0
D0
F
E1
P2
P1
W2
W1
C
A0
D
[mm]
W
±0.3
24.0
F
±0.1
11.5
E
±0.1
1.75
1
P1
±0.1
16.0
P2
±0.1
2.0
P0
±0.1
4.0
0
øD
±0.05
1.55
T
±0.05
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com