Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-3R3LSF Datasheet(PDF) 89 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 89 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 85Page - NEC PI-3R3LSF Datasheet HTML 86Page - NEC PI-3R3LSF Datasheet HTML 87Page - NEC PI-3R3LSF Datasheet HTML 88Page - NEC PI-3R3LSF Datasheet HTML 89Page - NEC PI-3R3LSF Datasheet HTML 90Page - NEC PI-3R3LSF Datasheet HTML 91Page - NEC PI-3R3LSF Datasheet HTML 92Page - NEC PI-3R3LSF Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Power Inductors VOL.10
89
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBC8Series(SBC8-□□□-○○○)
SBC8-6R8-862
SBC8-100-692
SBC8-150-532
SBC8-220-492
SBC8-330-452
SBC8-470-372
SBC8-680-322
SBC8-101-242
SBC8-151-202
SBC8-221-182
SBC8-331-142
SBC8-471-112
SBC8-681-102
SBC8-102-761
SBC8-152-581
SBC8-222-471
SBC8-332-421
SBC8-472-391
SBC8-682-311
SBC8-103-251
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
10000± 10%
0.02
0.02
0.03
0.03
0.04
0.04
0.06
0.09
0.15
0.17
0.25
0.42
0.52
0.78
1.30
1.80
2.50
3.20
4.90
6.90
8.60
6.90
5.30
4.90
4.50
3.70
3.20
2.40
2.00
1.80
1.40
1.10
1.00
0.76
0.58
0.47
0.42
0.39
0.31
0.25
12.00
9.60
7.40
6.80
6.30
5.10
4.40
3.30
2.80
2.50
1.90
1.50
1.40
1.00
0.81
0.67
0.58
0.54
0.43
0.35
13.90
11.80
9.60
7.80
6.50
5.40
4.30
3.50
3.00
2.40
2.00
1.60
1.30
1.10
0.92
0.78
0.63
0.53
0.44
0.36
●SBC9Series(SBC9-□□□-○○○)
SBC9-1R0-982
SBC9-1R5-942
SBC9-2R2-792
SBC9-3R3-622
SBC9-4R7-562
SBC9-6R8-492
SBC9-100-422
SBC9-150-362
SBC9-220-312
SBC9-330-252
SBC9-470-202
SBC9-680-152
SBC9-101-122
SBC9-151-112
SBC9-221-821
SBC9-331-671
SBC9-471-601
SBC9-681-551
SBC9-102-451
SBC9-152-341
SBC9-222-271
SBC9-332-221
SBC9-472-181
SBC9-682-141
SBC9-103-121
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
10000± 10%
0.01
0.01
0.01
0.02
0.02
0.03
0.03
0.04
0.04
0.06
0.09
0.15
0.21
0.26
0.41
0.58
0.82
1.05
1.53
2.49
3.78
5.68
8.20
12.70
16.10
9.80
9.40
7.90
6.20
5.60
4.90
4.20
3.60
3.10
2.50
2.00
1.50
1.20
1.10
0.82
0.67
0.60
0.55
0.45
0.34
0.27
0.22
0.18
0.14
0.12
13.70
13.10
11.00
8.60
7.80
6.80
5.80
5.00
4.30
3.50
2.80
2.10
1.60
1.50
1.10
0.93
0.84
0.77
0.63
0.47
0.38
0.31
0.25
0.20
0.17
31.10
25.40
21.50
16.40
14.70
12.10
9.60
7.50
6.20
5.20
4.30
3.70
3.00
2.40
2.00
1.60
1.30
1.10
0.87
0.72
0.60
0.48
0.40
0.34
0.28
Package: Bulk 2,000pcs/box
●Operating temperature range: −20 to +105℃ (Including self-temperature rise)
Package: Soft lead・bulk 900pcs/box
      Pin lead・bulk 1,000pcs/box
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com