Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL8807
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL8807 Datasheet HTML 5Page - Diodes Incorporated AL8807 Datasheet HTML 6Page - Diodes Incorporated AL8807 Datasheet HTML 7Page - Diodes Incorporated AL8807 Datasheet HTML 8Page - Diodes Incorporated AL8807 Datasheet HTML 9Page - Diodes Incorporated AL8807 Datasheet HTML 10Page - Diodes Incorporated AL8807 Datasheet HTML 11Page - Diodes Incorporated AL8807 Datasheet HTML 12Page - Diodes Incorporated AL8807 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AL8807
Document number
Applicatio
The AL8807 i
packages tha
currents/smalle
temperature ra
AL8807 Ope
In normal ope
sense resistor
voltage +Vin a
This rising cur
applies a prop
When this volt
flow through R
determined by
This decaying
voltage across
the internal sw
sense resistor
LED Current
The LED curre
Connected bet
I
LED
For example fo
=
V
1
R
DC Dimming
Further contro
the average LE
LED
I
=
With 0.5V
≤ VC
2.5V, the LED
When the CTR
r: DS35281 Rev. 4
on Informat
is a hysteretic
t provide a P
er PCBs that
ange.
eration
ration, when v
r R1, inductor L
and the inducto
rrent produces
ortional voltage
tage reaches a
R1, L1, the LED
y the forward vo
current produ
s R1 is applied
witch is turned
R1.
t Control
ent is controlled
tween VIN and
1
R
V
THD
=
or a desired LE
≈
=
66
.
0
1
.
0
I
V
LED
THD
g
l of the LED cu
ED current bec
SET
THD
REF
CTRL
R
V
V
V
=
CTRL ≤ 2.5V the
current will be
RL voltage falls
- 2
tion
c (also known
PCB area-pow
the MSOP-8E
voltage is appli
L1, and the LE
r L1.
a voltage ram
e to the input o
an internally set
Ds and the sc
oltage drop of t
ces a falling v
at the input of
on again. This
d by the resisto
SET the nomin
ED current of 66
Ω
≈
m
150
urrent can be a
comes:
e LED current
clamped to ap
s below the thre
HIGH E
ww
as equal ripp
wer dissipation
EP version is u
ed at +VIN, the
EDs. The curre
mp across R1. T
of the internal c
t upper thresho
hottky diode D
the LEDs and t
voltage at R1, w
the internal co
s switch-on-an
or R1 in Figure
Fig. 30 Typic
nal average ou
60mA and a de
chieved by driv
varies linearly
pproximately 10
eshold, 0.4V, th
FFICIENCY
9 of 21
ww.diodes.com
ple) LED drive
n capability co
used to maxim
e AL8807 inter
ent ramps up l
The internal ci
comparator.
old, the interna
D1, and back to
the schottky dio
which is sense
mparator. Whe
d-off cycle con
30.
cal Applicati
utput current in
efault voltage V
ving the CTRL
y with VCTRL, a
00% and follow
he output switc
Y LOW EM
r with integrat
ompromise. It
mize the allowa
rnal switch is t
linearly, and th
rcuit of the AL
al switch is turn
o the supply ra
ode.
ed by the AL88
en this voltage
ntinues to prov
on Circuit
the LED(s) is d
VCTRL=2.5V the
pin with an ext
as in figure 2.
ws
SET
THD
LED
R
V
I
=
ch is turned off
MI 36V 1A B
ted power swit
is recommen
able LED curre
turned on. Cur
he ramp rate is
L8807 senses t
ned off. The ind
ail, but it deca
807. A voltage
falls to the inte
vide the averag
defined as:
e resulting resis
ternal voltage (
If the CTRL p
.
which allows P
AL
BUCK LED
© Diodes
tch. It is avail
nded that at h
ent over a wid
rrent starts to f
s determined b
the voltage acr
ductor current c
ays, with the ra
proportional to
ernally set lowe
ge LED curren
stor is:
(between 0.4V
in is brought h
PWM dimming.
L8807
DRIVER
June 2012
s Incorporated
lable in two
higher LED
der ambient
flow through
by the input
ross R1 and
continues to
ate of decay
o the sense
er threshold,
nt set by the
and 2.5V);
higher than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com