Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AL8807
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AL8807 Datasheet HTML 13Page - Diodes Incorporated AL8807 Datasheet HTML 14Page - Diodes Incorporated AL8807 Datasheet HTML 15Page - Diodes Incorporated AL8807 Datasheet HTML 16Page - Diodes Incorporated AL8807 Datasheet HTML 17Page - Diodes Incorporated AL8807 Datasheet HTML 18Page - Diodes Incorporated AL8807 Datasheet HTML 19Page - Diodes Incorporated AL8807 Datasheet HTML 20Page - Diodes Incorporated AL8807 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
18 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Ordering Information
Device
Status
Package Code
Packaging
(Note 8)
7” Tape and Reel
Quantity
Part Number Suffix
AL8807W5-7
New Product
W5
SOT25
3000/Tape & Reel
-7
AL8807MP-13
New Product
MP
MSOP-8EP
2500/Tape & Reel
-13
Notes:
8.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at:
http://www.diodes.com/datasheets/ap02001.pdf .
Marking Information
(1) SOT25
1
2
3
5
4
XX Y W X
(Top View)
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AL8807W5-7
SOT25
B6
(2) MSOP-8EP
Part Number
Package
AL8807MP-13
MSOP-8EP
Package
Packing
W5 : SOT25
MP : MSOP-8EP
7 : 7” Tape & Reel
13 : 13” Tape & Reel
AL8807 XX - XX
AL8807
Y W X E
12
34
87
65
Logo
Part Number
a~z : Lead Free
A~Z: Green
MSOP-8EP
Y : Year : 0 - 9
W : Week : A~Z : 1 ~ 26 week;
a~z : 27~52 week
z represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com