Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AL8807
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AL8807 Datasheet HTML 12Page - Diodes Incorporated AL8807 Datasheet HTML 13Page - Diodes Incorporated AL8807 Datasheet HTML 14Page - Diodes Incorporated AL8807 Datasheet HTML 15Page - Diodes Incorporated AL8807 Datasheet HTML 16Page - Diodes Incorporated AL8807 Datasheet HTML 17Page - Diodes Incorporated AL8807 Datasheet HTML 18Page - Diodes Incorporated AL8807 Datasheet HTML 19Page - Diodes Incorporated AL8807 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
16 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Applications Information (cont.)
The associated EMI measurements for this board using the AL8807 is shown in figure 40.
Fig 40. AL8807EV2 Radiated EMI Performance
The EMI performance was measured at 12VDC driving two white LEDs (VF = 3.1V at 660mA) on the AL8807EV2. The red bold
line is for EN55022 class B used for domestic equipment including lighting. The bottom magenta line is the noise floor of the
test chamber. The middle purple line is the EMI emitted radiation of the AL8807 over 30MHz to 1000MHz. This shows that the
AL8807 passes the standard with at least 16dB margin.
MR16 lamps typically operate from 12VDC or 12VAC, using conventional electromagnetic transformers or electronic
transformers.
In enclosed lamps such MR16 the ability for the device to operate at high ambient temperatures is critical and figure 41 shows
the surface temperature of the AL8807 on AL8807EV2 in operation under the same conditions as the EMI tests at an free air
temperature of 25ºC. It is anticipated that the internal junction temperature is approximately 6 ºC hotter than the surface
temperature.
Fig 41. Thermal picture of AL8807EV2 at 12VDC 2 white LEDS at 660mA
The thermal image shows that components increasing the board temperature are the inductor, Schottky diodes and the
AL8807.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com