Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807MP-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL8807MP-13
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807MP-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL8807MP-13 Datasheet HTML 1Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 2Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 3Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 4Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 5Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 6Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 7Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 8Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AL8807
Document number
Typical Pe
LE
Err
L
T
C
1
0
9
8
7
6
4
3
2
0
5
1
-
400
250
150
100
350
300
200
r: DS35281 Rev. 4
erformance
Figure. 11 SW
ED Current
ror
L = 68H, R = 150m
T = 25C, V
= 12V
CTRL = PWM, f
=
1 LED
S
AIN
PWM
20
40
PWM D
Figure 7. I
LED
-40
-15
1
Amb
Figure 9. S
0
0
0
0
0
0
0
- 2
e Characte
W Output Rise
LED Curr
= 500Hz
60
8
DUTY CYCLE
vs. PWM Duty C
35
60
10
ient Temperature
SW R
vs. Te
DS(ON)
V
V
HIGH E
ww
eristics (con
e Time
rent
80100
Cycle
0.8
0.7
0.6
0.5
0
0.4
0.3
0.2
0.1
0
110
85
e (C)
Temperature
°
V
= Open
V
= V
= 12V
CTRL
SET
IN
FFICIENCY
5 of 21
ww.diodes.com
nt.) (TA = 25°
0
Y LOW EM
C unless oth
Figure
69
Figu
300
270
210
150
30
0
90
240
180
120
60
69
1
Figur
100
90
80
70
60
40
30
20
10
0
50
2 LEDS
MI 36V 1A B
herwise state
. 12 SW Outpu
12
18 21
V
(
ure 8. SW R
IN
DS(ON
15
1215 18 21
INPUT VOLT
re 10. Duty Cycle
3 LEDS
AL
BUCK LED
© Diodes
ed)
ut Fall Time
24
27 30
(V)
vs. Input Voltag
N)
3
V
=
V
= V
CTRL
SET
T = 25°C
A
24 27 30 3
TAGE (V)
e vs. Input Voltag
L = 68µH
R = 100m
T = 25°C
V
= O
S
A
CTRL
L8807
DRIVER
June 2012
s Incorporated
36
ge
33
Open
VIN
C
3336
ge
m
C
Open
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com