Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807MP-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8807MP-13
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807MP-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8807MP-13 Datasheet HTML 1Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 2Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 3Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 4Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 5Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 6Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 7Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 8Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
4 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Typical Performance Characteristics (TA = 25°C unless otherwise stated)
400
350
100
0
300
50
V
= 0V
V
= V
T = 25°C
CTRL
SET
IN
A
250
150
200
0
3
6
9
15 18 21 24 27 30 33
V
(V)
Figure 1. Supply Current (not switching) vs.
Input Voltage
IN
12
36
900
800
200
0
700
100
600
300
400
01
2
3
4
V
Figure 2. Switching Frequency vs. V
CTRL
CTRL
5
500
V
= 12V
1 LED
R
= 150m
T = 25°C
IN
SET
A
Ω
L = 33µH
L = 68µH
L = 100µH
100
90
70
60
40
30
20
0
0.0 0.5 1.0 1.5 2.0
3.0 3.5 4.0 4.5 5.0 5.5
CTRL PIN VOLTAGE (V)
Figure 3. LED Current vs. V
CTRL
2.5
0.0 0.5 1.0 1.5
2.5 3.0 3.5 4.0 4.5 5.0
V
(V)
Figure 4. I
vs. V
CTRL
CTRL
CTRL
2.0
5.0
80
60
-40
-60
40
-20
0
20
V
= V
= 12V
T = 25°C
SET
IN
A
3
2.5
2
1.5
0.5
0
1
V
= Open
V
= V
CTRL
SET
IN
T = 25°C
A
0
3
6
9 12
18 21 24 27 30
36
V
(V)
Figure 5. V
vs. Input Voltage
(CTRL Pin Open Circuit)
IN
CTRL
15
33
-40
-15
10
35
60
85
110
AMBIENT TEMPERATURE (°C)
Figure 6. V
VS. TEMPERATURE
CTRL
2.52
2.51
2.50
2.49
2.48
V
= Open
V
= V
= 12V
CTRL
SET
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com