Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807MP-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL8807MP-13
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807MP-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL8807MP-13 Datasheet HTML 4Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 5Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 6Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 7Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 8Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 9Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 10Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 11Page - Diodes Incorporated AL8807MP-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
8 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Typical Performance Characteristics (1.3A LED current MSOP-8EP) (TA = 25°C)
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 25. LED Current Deviation vs. Input Voltage
10
8
2
0
-8
-10
4
-4
-6
-2
6
5 LEDs 6 LEDs
7 LEDs 8 LEDs
L = 100µH
R = 77m
T = 25°C
V
= Open
S
A
CTRL
Ω
2 LEDs 3 LEDs
4 LEDs
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 26. Switching Frequency vs. Input Voltage
250
200
100
0
150
1 LED
50
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 27. LED Current Deviation vs. Input Voltage
10
8
2
0
-8
-10
4
-4
-6
-2
6
5 LEDs
6 LEDs
7 LEDs 8 LEDs
L = 68µH
R = 77m
T = 25°C
V
= Open
S
A
CTRL
Ω
2 LEDs3 LEDs4 LEDs
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 28. Switching Frequency vs. Input Voltage
300
250
150
0
200
100
1 LED
50
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 29. LED Current Deviation vs. Input Voltage
10
8
2
0
-8
-10
4
-4
-6
-2
6
5 LEDs
6 LEDs
7 LEDs
8 LEDs
L = 33µH
R = 77m
T = 25°C
V
= Open
S
A
CTRL
Ω
2 LEDs 3 LEDs
4 LEDs
6
9
12 15 18 21
24 27 30 33 36
INPUT VOLTAGE (V)
Figure 30. Switching Frequency vs. Input Voltage
600
500
300
0
400
200
1 LED
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com