Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5674IPHPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 23Page - Texas Instruments DAC5674IPHPR Datasheet HTML 24Page - Texas Instruments DAC5674IPHPR Datasheet HTML 25Page - Texas Instruments DAC5674IPHPR Datasheet HTML 26Page - Texas Instruments DAC5674IPHPR Datasheet HTML 27Page - Texas Instruments DAC5674IPHPR Datasheet HTML 28Page - Texas Instruments DAC5674IPHPR Datasheet HTML 29Page - Texas Instruments DAC5674IPHPR Datasheet HTML 30Page - Texas Instruments DAC5674IPHPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
27
VOUT1
+ IOUT1
R
L + IOUTFS
CODE
16384
R
L
VOUT2
+ IOUT2
R
L + IOUTFS
16383
* CODE
16384
R
L
The differential output voltage VOUTDIFF can thus be expressed as:
VOUT
DIFF + VOUT1 * VOUT2 + IOUTFS
2CODE
* 16383
16384
R
L
The latter equation shows that applying the differential output results in doubling of the signal power delivered
to the load. Because the output currents IOUT1 and IOUT2 are complementary, they become additive when
processed differentially. Note that care should be taken not to exceed the compliance voltages at node IOUT1
and IOUT2, which would lead to increased signal distortion.
Reference Operation
The DAC5674 comprises a band-gap reference and control amplifier for biasing the full-scale output current.
The full-scale output current is set by applying an external resistor RBIAS. The bias current IBIAS through resistor
RBIAS is defined by the on-chip band-gap reference voltage and control amplifier. The full-scale output current
equals 32 times this bias current. The full-scale output current IOUTFS can thus be expressed as:
IOUT
FS +
32
I
BIAS +
32
V
EXTIO
R
BIAS
where VEXTIO is the voltage at terminal EXTIO. The band-gap reference voltage delivers an accurate voltage
of 1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
CEXT of 0.1 µF should be connected externally to terminal EXTIO for compensation. The band-gap reference
can additionally be used for external reference operation. In that case, an external buffer with high impedance
input should be applied in order to limit the band-gap load current to a maximum of 100 nA. The internal
reference can be disabled and overridden by an external reference by connecting EXTLO to AVDD. In this case,
capacitor CEXT can be omitted. Terminal EXTIO serves as either input or output node.
The full-scale output current can be adjusted from 20 mA to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range, supporting the
full-scale output current range of 20 mA.
Analog Current Outputs
Figure 34 shows a simplified schematic of the current source array output with corresponding switches.
Differential switches direct the current of each individual PMOS current source to either the positive output node
IOUT1 or its complementary negative output node IOUT2. The output impedance is determined by the stack
of the current sources and differential switches, and is typically >300 k
Ω in parallel with an output capacitance
of 5 pF.
The external output resistors are referred to an external ground. The minimum output compliance at nodes
IOUT1 and IOUT2 is limited to −1 V, determined by the CMOS process. Beyond this value, transistor breakdown
may occur resulting in reduced reliability of the DAC5674 device. The maximum output compliance voltage at
nodes IOUT1 and IOUT2 equals 1.25 V. Exceeding the maximum output compliance voltage adversely affects
distortion performance and integral nonlinearity. The optimum distortion performance for a single-ended or
differential output is achieved when the maximum full-scale signal at IOUT1 and IOUT2 does not exceed 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com