Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5674IPHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 1 Page - Texas Instruments

  DAC5674IPHPR Datasheet HTML 1Page - Texas Instruments DAC5674IPHPR Datasheet HTML 2Page - Texas Instruments DAC5674IPHPR Datasheet HTML 3Page - Texas Instruments DAC5674IPHPR Datasheet HTML 4Page - Texas Instruments DAC5674IPHPR Datasheet HTML 5Page - Texas Instruments DAC5674IPHPR Datasheet HTML 6Page - Texas Instruments DAC5674IPHPR Datasheet HTML 7Page - Texas Instruments DAC5674IPHPR Datasheet HTML 8Page - Texas Instruments DAC5674IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
14BIT, 400 MSPS, 2y/4y INTERPOLATING CommsDAC
DIGITALTOANALOG CONVERTER
8
FEATURES
D 200-MSPS Maximum Input Data Rate
D 400-MSPS Maximum Update Rate DAC
D 76-dBc SFDR Over Full First Nyquist Zone
With Single Tone Input Signal (Fout = 21 MHz)
D 74-dBc ACPR W-CDMA at 15.36 MHz IF
D 69-dBc ACPR W-CDMA at 30.72 MHz IF
D Selectable 2y or 4y Interpolation Filter
− Linear Phase
− 0.05-dB Pass-Band Ripple
− 80-dB Stop-Band Attenuation
− Stop-Band Transition 0.4−0.6 Fdata
− Interpolation Filters Configurable in Either
Low-Pass or High-Pass Mode, Allows For
Selection High-Order Images
D On-Chip 2y/4y PLL Clock Multiplier, PLL
Bypass Mode
D Differential Scalable Current Outputs: 2 mA to
20 mA
D On-Chip 1.2-V Reference
D 1.8-V Digital and 3.3-V Analog Supply
Operation
D 1.8/3.3-V CMOS Compatible Interface
D Power Dissipation: 435 mW at 400 MSPS
D Package: 48-Pin TQFP
APPLICATIONS
D Cellular Base Transceiver Station Transmit
Channel
− CDMA: W-CDMA, CDMA2000, IS-95
− TDMA: GSM, IS-136, EDGE/UWC-136
D Test and Measurement: Arbitrary Waveform
Generation
D Direct Digital Synthesis (DDS)
D Cable Modem Termination System
DESCRIPTION
The DAC5674 is a 14-bit resolution, high-speed, digital-to-analog converter (DAC) with integrated
4
× interpolation filter, onboard clock multiplier, and on-chip voltage reference. The device has been designed
for high-speed digital data transmission in wired and wireless communication systems, high-frequency
direct-digital synthesis (DDS) and waveform reconstruction in test and measurement applications.
The 4
× interpolation filter is implemented as a cascade of two 2× interpolation filters, each of which can be
configured for either low-pass or high-pass response. This enables the user to select one of the higher order
images present at multiples of the input data rate clock while maintaining a low date input rate. The resulting
high IF output frequency allows the user to omit the conventional first mixer in heterodyne transmitter
architectures and directly up-convert to RF using only one mixer, thereby reducing system complexity and
costs.
In 4
× interpolation low-pass response mode, the DACs excellent spurious free dynamic range (SFDR) at
intermediate frequencies located in the first Nyquist zone (up to 40 MHz) allows for multicarrier transmission
in cellular base transceiver stations (BTS). The low-pass interpolation mode thereby relaxes image filter
requirements by filtering out the images in the adjacent Nyquist zones.
The DAC5674 PLL clock multiplier controls all internal clocks for the digital filters and DAC core. The differential
clock input and internal clock circuitry provides for optimum jitter performance. Sine wave clock input signal is
supported. The PLL can be bypassed by an external clock running at the DAC core update rate. The clock
divider of the PLL ensures that the digital filters operate at the correct clock frequencies.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Excel is a trademark of Microsoft Corporation.
CommsDAC and PowerPAD are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Similar Part No. - DAC5674IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5674 TI-DAC5674 Datasheet
506Kb / 32P
14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5674IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com