Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5674IPHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 6Page - Texas Instruments DAC5674IPHPR Datasheet HTML 7Page - Texas Instruments DAC5674IPHPR Datasheet HTML 8Page - Texas Instruments DAC5674IPHPR Datasheet HTML 9Page - Texas Instruments DAC5674IPHPR Datasheet HTML 10Page - Texas Instruments DAC5674IPHPR Datasheet HTML 11Page - Texas Instruments DAC5674IPHPR Datasheet HTML 12Page - Texas Instruments DAC5674IPHPR Datasheet HTML 13Page - Texas Instruments DAC5674IPHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
10
Figure 4
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0369
12
15
18
VCC = 3.3 V
fS = 50 MSPS
IOUTfS = 20 mA
4
y LL-Mode
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−3 dBfS
−6 dBfS
Figure 5
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4
y LL-Mode
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−6 dBfS
−3 dBfS
Figure 6
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
25
50
75
100
125
150
175
200
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4
y LL-Mode
Fout = 10 MHz
POWER
vs
FREQUENCY
Figure 7
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4
y LL-Mode
In Band = 0 − 50 MHz
IN-BAND
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−12 dBfS
−6 dBfS
NOTE: All measurements made with PLL off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com