Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC34709VKR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PC34709VKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
34709
Pin Connections
4.2
Pin Definitions
Table 3. Pin Definitions
Pin Number
Pin Name
Pin
Function
Rating
[V]
# Balls
Definition
Supply
N1
BP
I
5.5
1
1. Application supply point
2. Input supply to the IC core circuitry
D6
SDWNB
O
3.6
1
Indication of imminent system shutdown
IC Core
J2
VCORE
O
-
1
Regulated supply for the IC analog core circuitry
J1
VCOREDIG
O
-
1
Regulated supply for the IC digital core circuitry
K1
VCOREREF
O
-
1
Main bandgap reference
L1
VDDLP
O
-
1
VDDLP reference
H1
GNDCORE
GND
-
1
Ground for the IC core circuitry
M1
GNDREF
GND
-
1
Ground reference for IC core circuitry
Switching Regulators
P10
P11
SW1IN
I
5.5
2
Regulator 1 input
R9
SW1ALX
O
5.5
1
Regulator 1A switch node connection
P13
SW1FB
I
3.6
1
Regulator 1 feedback
P9
GNDSW1A
GND
-
1
Ground for Regulator 1A
R13
SW1VSSSNS
GND
-
1
Regulator 1 sense
K10
SW1PWGD
O
3.6
1
Power good signal for SW1
R11
SW1BLX
O
5.5
1
Regulator 1B switch node connection
P12
GNDSW1B
GND
-
1
Ground for Regulator 1B
L12
SW1CFG
I
3.6
1
Regulator 1A/B mode configuration
B11
SW2IN
I
5.5
1
Regulator 2 input
A10
SW2LX
O
5.5
1
Regulator 2 switch node connection
A12
SW2FB
I
3.6
1
Regulator 2 feedback
B10
GNDSW2
GND
-
1
Ground for Regulator 2
A13
SW2PWGD
O
3.6
1
Power good signal for SW2
E14
SW3IN
I
5.5
1
Regulator 3 input
D15
SW3LX
O
5.5
1
Regulator 3 switch node connection
B13
SW3FB
I
3.6
1
Regulator 3 feedback
D14
GNDSW3
GND
-
1
Ground for Regulator 3
B12
GNDREF2
GND
-
1
Ground reference for Regulators
P4
SW4AIN
I
5.5
1
Regulator 4A input
R3
SW4ALX
O
5.5
1
Regulator 4A switch node connection
N2
SW4AFB
I
3.6
1
Regulator 4A feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com