Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC34709VKR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PC34709VKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
Document Number: MC34709
Rev. 1.0, 8/2012
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2012. All rights reserved.
*This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Power Management Integrated
Circuit (PMIC) for i.MX50/53
Families
The 34709 is the Power Management Integrated Circuit (PMIC)
designed primarily for use with the Freescale i.MX50 and i.MX53
families. It offers a lower cost alternative to the MC34708, targeting
embedded applications that do not require a battery charger. However,
it can be easily combined with an external charger, allowing flexibility
for either single or multi-cell Li-Ion battery configurations. It supports
both consumer and industrial applications with a single 130-pin 8x8
MAPBGA 0.5 mm pitch package that is easily routable in low cost
board designs.
Features
• Five buck converters configurable to provide up to six independent
outputs for direct supply of the processor core, memory, and
peripherals.
• Boost regulator for USB PHY domain on i.MX processors.
• Seven LDO regulators with internal and external pass devices for
thermal budget optimization
• One low current, high accuracy, voltage reference for DDR memory
• 10-bit ADC for monitoring battery and other inputs
• Real time clock and crystal oscillator circuitry with a coin cell
backup/charger
• SPI/I2C bus for control and register interface
• Four general purpose low-voltage I/Os with interrupt capability
• Two PWM outputs
Figure 1. Simplified Application Diagram
POWER MANAGEMENT
34709
Applications
Tablets
Smart Mobile Devices
Patient Monitors
Digital Signage
Human Machine Interfaces (HMI)
VK SUFFIX (PB-FREE)
98ASA00333D
130 MAPBGA
8.0 X 8.0 (0.5 MM PITCH)




 . #

 
   
 
  


 
 
  
!
! 
! 

"#
$
%
&
#
'
"
(
)
"*
+
""

  
, 
-




Similar Part No. - PC34709VKR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PC34710EW MOTOROLA-PC34710EW Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
PC34710EWR2 MOTOROLA-PC34710EWR2 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
More results

Similar Description - PC34709VKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
Rohm
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
Power Management Integrated Circuit
logo
NXP Semiconductors
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
NXP Semiconductors
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com