Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4271 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4271
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 22Page - Linear Technology LTC4271 Datasheet HTML 23Page - Linear Technology LTC4271 Datasheet HTML 24Page - Linear Technology LTC4271 Datasheet HTML 25Page - Linear Technology LTC4271 Datasheet HTML 26Page - Linear Technology LTC4271 Datasheet HTML 27Page - Linear Technology LTC4271 Datasheet HTML 28Page - Linear Technology LTC4271 Datasheet HTML 29Page - Linear Technology LTC4271 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTC4266A/LTC4266C
26
4266acfc
APPLICATIONS INFORMATION
Figure 16. Opto-Isolating the I2C Bus
4266AC F16
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4266
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4266
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4266
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4266
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4266
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
+
10μF
2k
2k
0.1μF
0.1μF
200Ω
200Ω
200Ω
200Ω
U2
U3
U1
HCPL-063L
HCPL-063L
VDD CPU
SCL
SDA
SMBALERT
GND CPU
U1: FAIRCHILD NC7WZ17
U2, U3: AGILENT HCPL-063L
TO
CONTROLLER
ISOLATED
3.3V
ISOLATED
GND
0100000
0100001
0100010
0101110
0101111
I2C ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com