Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4271 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4271
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 22Page - Linear Technology LTC4271 Datasheet HTML 23Page - Linear Technology LTC4271 Datasheet HTML 24Page - Linear Technology LTC4271 Datasheet HTML 25Page - Linear Technology LTC4271 Datasheet HTML 26Page - Linear Technology LTC4271 Datasheet HTML 27Page - Linear Technology LTC4271 Datasheet HTML 28Page - Linear Technology LTC4271 Datasheet HTML 29Page - Linear Technology LTC4271 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC4266A/LTC4266C
30
4266acfc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0812 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC4270/LTC4271
12-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports Type 1, Type 2 and LTPoE++ PDs
LTC4266
Quad IEEE 802.3at PoE PSE Controller
2-Event Classification, Programmable ICUT/ILIM
LTC4274
Single IEEE 802.3at PoE PSE Controller
2-Event Classification, Programmable ICUT/ILIM
LTC4274A/LTC4274C
Single IEEE 802.3at PoE PSE Controller
13W through 90W Support
LTC4265
IEEE 802.3at PD Interface Controller
100V, 1A Internal Switch, 2-Event Classification Recognition
LTC4267
IEEE 802.3af PD Interface with Integrated Switching
Regulator
Internal 100V, 400mA Switch, Dual Inrush Current,
Programmable Class
LTC4269-1
IEEE 802.3at PD Interface with Integrated Flyback
Switching Regulator
2-Event Classification, Programmable Classification, Synchronous
No-Opto Flyback Controller, 50kHz to 250kHz, Auxiliary Support
LTC4269-2
IEEE 802.3at PD Interface with Integrated Forward
Switching Regulator
2-Event Classification, Programmable Classification, Synchronous
Forward Controller, 100kHz to 500kHz, Auxiliary Support
LTC4278
IEEE 802.3at PD Interface with Integrated Flyback
Switching Regulator
2-Event Classification, Programmable Classification, Synchronous
No-Opto Flyback Controller, 50kHz to 250kHz, 12V Auxiliary Support
Figure 17. One Complete Isolated Powered Ethernet Port
TYPICAL APPLICATION
4266AC F17
1
2
3
4
5
6
7
8
2k
2k
1μF
100V
X7R
0.1μF
0.1μF
200Ω
200Ω
200Ω
200Ω
U2
U3
U1
HCPL-063L
HCPL-063L
VDD CPU
SCL
SDA
GND CPU
INTERRUPT
PHY
(NETWORK
PHYSICAL
LAYER
CHIP)
0.22μF
100V
X7R
VEE
SENSE GATE OUT
VDD
SCL
SDAIN
SDAOUT
INT
RS
0.25Ω
Q1
T1
1/4
LTC4266
DGND AGND
–48V
ISOLATED
SMAJ58A
S1B
ISOLATED
3.3V
ISOLATED
GND
0.01μF
200V
0.01μF
200V
0.01μF
200V
0.01μF
200V
75Ω
75Ω
75Ω
75Ω
RJ45
CONNECTOR
1000pF
2000V
FB1
FB2
S1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com