Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4271 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4271
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 22Page - Linear Technology LTC4271 Datasheet HTML 23Page - Linear Technology LTC4271 Datasheet HTML 24Page - Linear Technology LTC4271 Datasheet HTML 25Page - Linear Technology LTC4271 Datasheet HTML 26Page - Linear Technology LTC4271 Datasheet HTML 27Page - Linear Technology LTC4271 Datasheet HTML 28Page - Linear Technology LTC4271 Datasheet HTML 29Page - Linear Technology LTC4271 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC4266A/LTC4266C
27
4266acfc
External MOSFET
Careful selection of the power MOSFET is critical to system
reliability. LTC recommends either Fairchild IRFM120A,
FDT3612, FDMC3612 or Philips PHT6NQ10T for their
proven reliability in Type 1 and Type 2 PSE applications.
Non-standard applications that provide more current than
the 850mA IEEE maximum may require heat sinking and
other MOSFET design considerations. Contact LTC Ap-
plications before using a MOSFET other than one of these
recommended parts.
Sense Resistor
The LTC4266A/LTC4266C is designed to use either 0.5Ω or
0.25Ω current sense resistors. For new designs 0.25Ω is
recommended to reduce power dissipation; the 0.5Ω op-
tion is intended for existing systems where the LTC4266A/
LTC4266C is used as a drop-in replacement for the LTC4258
or LTC4259A. The lower sense resistor values reduce
heat dissipation. Four commonly available 1Ω resistors
(0402 or larger package size) can be used in parallel in
place of a single 0.25Ω resistor. In order to meet the ICUT
and ILIM accuracy required by the IEEE specification, the
sense resistors should have ±1% tolerance or better, and
no more than ±200ppm/°C temperature coefficient.
Port Output Cap
Each port requires a 0.22μF cap across its outputs to
keep the LTC4266A/LTC4266C stable while in current limit
during startup or overload. Common ceramic capacitors
often have significant voltage coefficients; this means the
capacitance is reduced as the applied voltage increases.
To minimize this problem, X7R ceramic capacitors rated
for at least 100V are recommended.
ESD/Cable Discharge Protection
Ethernet ports can be subject to significant ESD events when
long data cables, each potentially charged to thousands
of volts, are plugged into the low impedance of the RJ45
jack. To protect against damage, each port requires a pair
of clamp diodes; one to AGND and one to VEE (Figure 10).
An additional surge suppressor is required for each
LTC4266A/LTC4266C chip from VEE to AGND. The diodes
at the ports steer harmful surges into the supply rails,
where they are absorbed by the surge suppressor and the
VEE bypass capacitance. The surge suppressor has the
additional benefit of protecting the LTC4266A/LTC4266C
from transients on the VEE supply.
S1B diodes work well as port clamp diodes, and an
SMAJ58A or equivalent is recommended for the VEE surge
suppressor.
LAYOUT GUIDELINES
Strict adherence to board layout, parts placement and
routing guidelines is critical for optimal current read-
ing accuracy, IEEE compliance, system robustness, and
thermal dissipation.
Power delivery above 25.5W imposes additional compo-
nent and layout restraints. Specifically MOSFET, sense
resistor and transformer selection is crucial to safe and
reliable system operation.
Contact LTC Applications to obtain a full set of layout
guidelines, example layouts and BOMs.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com