Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWS131 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 3 Page - Texas Instruments

  SLWS131 Datasheet HTML 1Page - Texas Instruments SLWS131 Datasheet HTML 2Page - Texas Instruments SLWS131 Datasheet HTML 3Page - Texas Instruments SLWS131 Datasheet HTML 4Page - Texas Instruments SLWS131 Datasheet HTML 5Page - Texas Instruments SLWS131 Datasheet HTML 6Page - Texas Instruments SLWS131 Datasheet HTML 7Page - Texas Instruments SLWS131 Datasheet HTML 8Page - Texas Instruments SLWS131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
GRAYCHIP, INC.
- 1 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
GC3021 DATASHEET
1.1
BLOCK DIAGRAM
A block diagram illustrating the major functions of the chip is shown in Figure 1
Figure 1. GC3021 BLOCK DIAGRAM
INPUT
FORMAT
MIXER
OUTPUT
FORMAT
PHASE ERROR
LOOKUP RAM
4K BY 1 Memory
SNAPSHOT
RAM
NCO
CIRCUIT
PHASE
LOCK
LOOP
CIRCUIT
Complex data at 70 MHz
Real data at 140 MHz
DATA OUT
Quad 64 Word
Memory
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
1 Bit
32 Bits
HSCK
DATA IN
Odd/Even Complex Pairs,
Complex Samples,
or I/Q Symbols
(70 MHz)
EIN
1 Bit
CIN
1 Bit
EOUT
SB
SA
SYNC
COUNTER
SO
HSI
HCKO
A[0:8]
CS
9 Bits
16 Bits
R/W
C[0:15]
CONTROL
INTERFACE
Internal Controls
Internal
Syncs
CKENA
CK
CLOCK
GENERATOR
Internal
Clocks
CKENB
SN
I[0:11]
Q[0:11]
YA[0:11]
YB[0:11]
YC[0:11]
YD[0:11]
High speed
clock and sync
Carry In
sync
HSO
AND
DC REMOVAL
MIXER MODE
•
160 MSPS real input data
(differential PECL data and clock)
•
80 MSPS complex input data
(TTL level inputs)
•
12 bit inputs and outputs
•
32 bit NCO phase control
•
NCO generates 12 bit sines and cosines
1.0
KEY FEATURES
CARRIER REMOVAL MODE
•
80 Million Complex Samples per second (CSPS)
input data
•
12 bit input and output data
•
12 bit by 12 bit complex multiplier
•
4K bit phase error lookup RAM
•
Phase error feedback loop for carrier and
phase offset removal
•
32 bit numerically controlled oscillator (NCO)
•
Snapshot memory for adaptive filtering
OVERALL
•
Microprocessor
interface
for
control,
output, and diagnostics
•
Built in diagnostics
•
750 mW power at 50 MHz, 5 volts
•
200 mW at 30 MHz, 3.3 volts
•
160 pin plastic quad flat pack package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com