Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWS131 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 5 Page - Texas Instruments

  SLWS131 Datasheet HTML 1Page - Texas Instruments SLWS131 Datasheet HTML 2Page - Texas Instruments SLWS131 Datasheet HTML 3Page - Texas Instruments SLWS131 Datasheet HTML 4Page - Texas Instruments SLWS131 Datasheet HTML 5Page - Texas Instruments SLWS131 Datasheet HTML 6Page - Texas Instruments SLWS131 Datasheet HTML 7Page - Texas Instruments SLWS131 Datasheet HTML 8Page - Texas Instruments SLWS131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
GRAYCHIP, INC.
- 3 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
DSP chip) can write into a register by setting A[0:8] to the desired register address, setting the R/W pin low,
setting C[0:15] to the desired value and then pulsing CS low.
To read from a control register the processor must set A[0:8] to the desired address, set R/W high,
and then set CS low. The chip will then drive C[0:15] with the contents of the selected register. After the
processor has read the value from C[0:15] it should set CS high. The C[0:15] pins are turned off (high
impedance) whenever CS is high or R/W is low. The chip will only drive these pins when CS is low and R/W
is high.
The chip’s control address space is divided into fourteen control registers, a test port, four DC offset
registers, 256 phase error memory words, and 256 snapshot memory words. The 14 control registers are
MODE_REG, SYNC_REG0, SYNC_REG1, DELAY_REG, COUNTER_REG, PLL_REG, FREQ_REG0,
FREQ_REG1, OUTPUT_REGA, OUTPUT_REGB, OUTPUT_REGC, OUTPUT_REGD, SNAP_REG, and
PHASE_REG. The control registers are mapped to addresses 0 to 13. See Section 4.0 for details about the
contents of these registers.
Address 14 is used to generate a one-shot pulse. This pulse, OS, which is one clock cycle wide,
can be output from the chip on the SO pin or used to synchronize internal circuits. Address 15 is a read only
port used to monitor the power-down and keepalive clock functions for test. Addresses 16 through 19 are
the DC offset registers DC_I_IN, DC_Q_IN, DC_I_OUT, DC_Q_OUT.
Addresses 20 through 255 are unused.
Addresses 256 through 511 are shared between the phase error memory and the snapshot
memory. Reading from these addresses accesses the contents of the snapshot memory. Writing to these
addresses loads the phase error lookup memory.
2.2
SYNC COUNTER
The sync counter circuit is used to generate sync pulses for the chip. The circuit accepts two sync
inputs (SA and SB) and generates internal syncs and a sync out (SO) pulse. The circuit contains a 20 bit
counter which can be set to count in cycles of 16*(COUNT+1) clocks, where COUNT ranges from 0 to 216-1.
The counter’s terminal count (TC) can be used as a synchronization pulse. The lower 12 bits from the
counter are used as input data during diagnostics.
The circuit can generate a one-shot pulse (OS) which can be used as a synchronization pulse.
The input syncs SA and SB can be delayed by up to 258 clock cycles. The delayed syncs (DSA and
DSB) can be used to adjust the sync timing to meet system requirements.
The internal syncs are used to synchronize the counter, the symbol align circuit, the snapshot
memory, the phase lock loop circuit and NCO circuit. Each circuit can be independently synchronized to SA,
SB, DSA, DSB, TC, OS, or left to free run. The sync output can also be chosen from these syncs.
2.3
CLOCK GENERATOR
The clock generator generates the internal clocks from the clock input (CK). Two clock enable
inputs (CKENA and CKENB) are used to enable or disable the clock. Both enables must be low for internal
clocks to be generated. The enables are clocked into the chip and are used to enable or disable the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com