Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWS131 Datasheet(PDF) 8 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLWS131 Datasheet HTML 4Page - Texas Instruments SLWS131 Datasheet HTML 5Page - Texas Instruments SLWS131 Datasheet HTML 6Page - Texas Instruments SLWS131 Datasheet HTML 7Page - Texas Instruments SLWS131 Datasheet HTML 8Page - Texas Instruments SLWS131 Datasheet HTML 9Page - Texas Instruments SLWS131 Datasheet HTML 10Page - Texas Instruments SLWS131 Datasheet HTML 11Page - Texas Instruments SLWS131 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
GRAYCHIP, INC.
- 6 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
be grounded if the internal terminators are not being used. TTL voltage levels can be used in the high speed
mode by setting the negative inputs to 1.5 volts so that the TTL input swing from 0.5 to 2.5 volts on the
positive inputs would toggle the differential receivers.
In the complex data input mode the HSI, HSI, HCK and HCK inputs are unused and the I and Q
pins are standard TTL inputs. The HSI, HSI, HCK and HCK pins and the VT pins should be grounded.
The data mux shown in Figure 2 outputs either the complex input data, the even/odd high speed
data or the diagnostic ramp from the sync counter circuit. The data mux output is sent to the mixer circuit.
2.5
MIXER
The mixer multiplies the pairs of samples from the input format circuit by sines and cosines and
outputs the results to the output format and the symbol offset circuits. A block diagram of the mixer circuit
is shown in Figure 5.
Figure 5. MIXER
The ACOS, BCOS, ASIN and BSIN values are generated by the NCO circuit. In the complex mode
BCOS will equal ACOS and BSIN will equal minus ASIN. In the high speed mode the ASIN and ACOS
values are the even time sine/cosine pairs and the BCOS and BSIN values are the odd time pairs. The lower
11 bits of the 23 bit multiplier products are either rounded off or truncated depending upon the state of the
round enable control. The rounding is performed using the “round to even” technique1. The 12 bit products
are passed to the output format circuit.
The adders sum the individual products to generate complex products. The adder outputs are
saturated to 12 bits if the add causes overflow. The adder outputs pass through a gain circuit and then to
the symbol offset circuit. The gain circuit, if it is enabled, doubles the data values. The gain outputs are
saturated to plus or minus full scale if the gain causes overflow2. The adder clear control allows the Ieven
and Qeven mixer outputs, instead of the complex products, to be passed to the symbol gain circuit. This
1. When the fraction to be rounded is exactly 1/2, the round to even technique rounds up when the integer portion is odd and rounds
down when it is even. This removes any DC bias in the rounding.
12 Bits
DC_Q_OUT
XI
XQ
ACOS
BCOS
BSIN
ASIN
Round
Enable
(even)
(odd)
Ieven
Iodd
Qeven
Qodd
Adder
Clear
Add
2X Gain
SI
SQ
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
Symbol
Data To
Symbol Offset
Circuit
From
Input Format
Circuit
DC_I_IN
12 Bits
DC_Q_IN
DC_I_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com