Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 24Page - Texas Instruments TMS570LS3137 Datasheet HTML 25Page - Texas Instruments TMS570LS3137 Datasheet HTML 26Page - Texas Instruments TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments TMS570LS3137 Datasheet HTML 31Page - Texas Instruments TMS570LS3137 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
2.4.2.8
Inter-Integrated Circuit Interface Module (I2C)
Table 2-30. ZWT Inter-Integrated Circuit Interface Module (I2C)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
B2
I/O
Pull Up
Programmable,
I2C serial data, or GIO
20uA
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
C3
I2C serial clock, or GIO
2.4.2.9
Standard Serial Peripheral Interface (SPI)
Table 2-31. ZWT Standard Serial Peripheral Interface (SPI)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
SPI2CLK
E2
I/O
Pull Up
Programmable,
SPI2 clock, or GIO
20uA
SPI2NCS[0]
N3
SPI2 chip select, or GIO
SPI2NENA/SPI2NCS[1]
D3
SPI2 chip select, or GIO
SPI2NENA/SPI2NCS[1]
D3
SPI2 enable, or GIO
SPI2SIMO
D1
SPI2 slave-input
master-output, or GIO
SPI2SOMI
D2
SPI2 slave-output
master-input, or GIO
N2HET1[0]/SPI4CLK
K18
I/O
Pull Down
Programmable,
SPI4 clock, or GIO
20uA
N2HET1[03]/SPI4NCS[0]/N2HET2[10]
U1
SPI4 chip select, or GIO
N2HET1[01]/SPI4NENA/N2HET2[8]
V2
SPI4 enable, or GIO
N2HET1[02]/SPI4SIMO
W5
SPI4 slave-input
master-output, or GIO
N2HET1[05]/SPI4SOMI/N2HET2[12]
V6
SPI4 slave-output
master-input, or GIO
28
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com