Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 41Page - Texas Instruments TMS570LS3137 Datasheet HTML 42Page - Texas Instruments TMS570LS3137 Datasheet HTML 43Page - Texas Instruments TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments TMS570LS3137 Datasheet HTML 48Page - Texas Instruments TMS570LS3137 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
3.6
Input/Output Electrical Characteristics Over Recommended Operating Conditions
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input hysteresis
All inputs (except
180
FRAYRX1,
mV
Vhys
FRAYRX2)
FRAYRX1, FRAYRX2
100
mV
All inputs(2) (except
-0.3
0.8
FRAYRX1,
V
VIL
Low-level input voltage
FRAYRX2)
FRAYRX1, FRAYRX2
0.4 VCCIO
V
All inputs(2) (except
2
VCCIO + 0.3
FRAYRX1,
V
VIH
High-level input voltage
FRAYRX2)
FRAYRX1, FRAYRX2
0.6 VCCIO
V
IOL = IOLmax
0.2 VCCIO
IOL = 50 µA, standard
0.2
output mode
VOL
Low-level output voltage
V
IOL = 50 µA, low-EMI
0.2 VCCIO
output mode (see
Section 3.10)
IOH = IOHmax
0.8 VCCIO
IOH = 50 µA, standard
VCCIO -0.2
output mode
VOH
High-level output voltage
V
IOH = 50 µA, low-EMI
0.8 VCCIO
output mode (see
Section 3.10)
VI < VSSIO - 0.3 or VI
-2
2
IIC
Input clamp current (I/O pins)
mA
> VCCIO + 0.3
IIH Pulldown 20µA
VI = VCCIO
5
40
IIH Pulldown 100µA
VI = VCCIO
40
195
II
Input current (I/O pins)
IIL Pullup 20µA
VI = VSS
-40
-5
µA
IIL Pullup 100µA
VI = VSS
-195
-40
All other pins
No pullup or pulldown
-1
1
CI
Input capacitance
2
pF
CO
Output capacitance
3
pF
(1)
Source currents (out of the device) are negative while sink currents (into the device) are positive.
(2)
This does not apply to the nPORRST pin.
3.7
Output Buffer Drive Strengths
Table 3-2. Output Buffer Drive Strengths
Low-level Output Current,
IOL for VI=VOLmax
or
Signals
High-level Output Current,
IOH for VI=VOHmin
FRAYTX2, FRAYTX1, FRAYTXEN1, FRAYTXEN2,
MIBSPI5CLK, MIBSPI5SOMI[0],
MIBSPI5SOMI[1],
MIBSPI5SOMI[2],
MIBSPI5SOMI[3],
MIBSPI5SIMO[0], MIBSPI5SIMO[1], MIBSPI5SIMO[2], MIBSPI5SIMO[3],
8mA
TMS, TDI, TDO, RTCK,
SPI4CLK, SPI4SIMO, SPI4SOMI, nERROR,
N2HET2[1], N2HET2[3],
All EMIF Outputs and I/Os, All ETM Outputs
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
45
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com