Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 39Page - Texas Instruments TMS570LS3137 Datasheet HTML 40Page - Texas Instruments TMS570LS3137 Datasheet HTML 41Page - Texas Instruments TMS570LS3137 Datasheet HTML 42Page - Texas Instruments TMS570LS3137 Datasheet HTML 43Page - Texas Instruments TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 159 page
background image
AddressWaitstates
DataWaitstates
RAM
AddressWaitstates
DataWaitstates
Flash
0MHz
0MHz
0MHz
0MHz
90MHz
45MHz
0
1
3
0
0
0
135MHz
2
120MHz
1
f
HCLK(max)
f
HCLK(max)
f
HCLK(max)
f
HCLK(max)
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
3.3
Switching Characteristics over Recommended Operating Conditions for Clock Domains
Table 3-1. Clock Domain Timing Specifications
Parameter
Description
Conditions
Min
Max
Unit
fHCLK
HCLK - System clock frequency
PGE
Pipeline mode
160
MHz
enabled
Pipeline mode
45
MHz
disabled
ZWT
Pipeline mode
180
MHz
enabled
Pipeline mode
45
MHz
disabled
fGCLK
GCLK - CPU clock frequency
fHCLK
MHz
fVCLK
VCLK - Primary peripheral clock
100
MHz
frequency
fVCLK2
VCLK2 - Secondary peripheral clock
100
MHz
frequency
fVCLK3
VCLK3 - Secondary peripheral clock
100
MHz
frequency
fVCLKA1
VCLKA1 - Primary asynchronous
100
MHz
peripheral clock frequency
fVCLKA2
VCLKA2 - Secondary asynchronous
100
MHz
peripheral clock frequency
fVCLKA4
VCLKA4 - Secondary asynchronous
50
MHz
peripheral clock frequency
fRTICLK
RTICLK - clock frequency
fVCLK
MHz
3.4
Wait States Required
Figure 3-1. ZWT Wait States Scheme
As shown in the figure above, the TCM RAM can support program and data fetches at full CPU speed without
any address or data wait states required.
The TCM flash can support zero address and data wait states up to a CPU speed of 45MHz in non-pipelined
mode. The flash supports a maximum CPU clock speed of 160MHz in pipelined mode for the PGE Package and
180MHz for the ZWT package, with one address wait state and three data wait states.
The flash wrapper defaults to non-pipelined mode with zero address wait state and one random-read data wait
state.
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
43
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com