Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC271 Datasheet(PDF) 21 Page - Texas Instruments

Part # TC271
Description  1080580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TC271 Datasheet HTML 14Page - Texas Instruments TC271 Datasheet HTML 15Page - Texas Instruments TC271 Datasheet HTML 16Page - Texas Instruments TC271 Datasheet HTML 17Page - Texas Instruments TC271 Datasheet HTML 18Page - Texas Instruments TC271 Datasheet HTML 19Page - Texas Instruments TC271 Datasheet HTML 20Page - Texas Instruments TC271 Datasheet HTML 21Page - Texas Instruments TC271 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
21
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC271 consists of a ceramic base, a glass window, and a 22-lead frame. The package leads
are configured in a dual in-line organization and fit into mounting holes with 2.54 mm (0.10 in) center-to-center
spacings. The glass window is sealed to the package by an epoxy adhesive. It can be cleaned by any standard
procedure for cleaning optical assemblies or by wiping the surface with a cotton swab moistened with alcohol.
(0.217
± 0.030)
5,50
± 0,76
3,86 (0.152) MAX
Optical Center
27,81 (1.095) MAX
8,00 (0.315)
23,39 (0.921)
0,25 (0.010)
10,16 (0.400) TYP
2,21 (0.087)
MAX
(0.730)
18,54
2,01 (0.079)
Index Dot
9,35 (0.368)
REF
0,46 (0.018)
2,54 (0.100)
18,24
(0.718)
2,01 x 2,39
(0.079 x 0.094)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
C
L
Optical
(see Note B)
7/94
TC271 (22 pin)
NOTES: A. Single dimensions are nominal.
B. The center of the package and the center of the image area are not coincident.
C. The distance from the top of the glass to the image-sensor surface is typically 1,46 mm (0.057 in). The glass is 0,95
±0,08 mm and
has an index of refraction of 1.53.
D. Each pin centerline is located within 0,25 mm (0.010 in) of its true longitudinal position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com