Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC271 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC271 Datasheet HTML 10Page - Texas Instruments TC271 Datasheet HTML 11Page - Texas Instruments TC271 Datasheet HTML 12Page - Texas Instruments TC271 Datasheet HTML 13Page - Texas Instruments TC271 Datasheet HTML 14Page - Texas Instruments TC271 Datasheet HTML 15Page - Texas Instruments TC271 Datasheet HTML 16Page - Texas Instruments TC271 Datasheet HTML 17Page - Texas Instruments TC271 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
COLUMN AMPLITUDE, x (mV)
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
spurious-nonuniformity specification
The spurious-nonuniformity specification of the TC271 CCD grades – 30 and – 40 is based on several sensor
characteristics:
• Amplitude of the nonuniform pixel
• Polarity of the nonuniform pixel
–
Black
–
White
• Column amplitude
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 14. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 15.
The nonuniformity specification for the TC271 is as follows (CCD video-output signal is 50 mV
±10 mV):
PIXEL NONUNIFORMITY
COLUMN NONUNIFORMITY
PART NUMBER
DARK CONDITION
ILLUMINATED CONDITION
PIXEL AMPLITUDE, x (mV)
% OF TOTAL ILLUMINATION
TC271-30
x
≤ 12 mV
x
≤ 10
x < 0.5 mV
TC271-40
x
≤ 15 mV
x
≤ 15
x
≤ 1mV
mV
Amplitude
t
Illumination
% of Total
t
Figure 14. Pixel Nonuniformity,
Figure 15. Pixel Nonuniformity,
Dark Condition
Illuminated Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com