Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC271 Datasheet(PDF) 4 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 4 Page - Texas Instruments

  TC271 Datasheet HTML 1Page - Texas Instruments TC271 Datasheet HTML 2Page - Texas Instruments TC271 Datasheet HTML 3Page - Texas Instruments TC271 Datasheet HTML 4Page - Texas Instruments TC271 Datasheet HTML 5Page - Texas Instruments TC271 Datasheet HTML 6Page - Texas Instruments TC271 Datasheet HTML 7Page - Texas Instruments TC271 Datasheet HTML 8Page - Texas Instruments TC271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABG†
2
I
Antiblooming gate
ABG†
20
I
Antiblooming gate
ADB
5
I
Supply voltage for amplifier-drain bias
AMP GND
9
Amplifier ground
CDB
10
I
Supply voltage for clearing-drain bias
IAG†
3
I
Image-area gate
IAG†
19
I
Image-area gate
OUT1
8
O
Output signal 1
OUT2
7
O
Output signal 2
OUT3
6
O
Output signal 3
SAG1
4
I
Storage-area gate
SAG2
17
I
Storage-area gate
SRG1
14
I
Serial-register gate 1
SRG2
15
I
Serial-register gate 2
SRG3
16
I
Serial-register gate 3
SUB†
1
Substrate and clock return
SUB†
11
Substrate and clock return
SUB†
12
Substrate and clock return
SUB†
22
Substrate and clock return
TDB
21
I
Supply voltage for top-drain bias
TMG
18
I
Transfer-multiplex gate
TRG
13
I
Transfer gate
† All pins of the same name should be connected together externally (i.e., pin 2 to pin 20,
pin 3 to pin 19, etc.).
detailed description
The TC271 consists of five basic functional blocks: (1) the image-sensing area, (2) the multiplexer block, (3)
the image-storage area with dual-field memories, (4) the serial-register and transfer gates, and (5) the low-noise
signal-processing amplifier block with charge-detection nodes. The location of each of these blocks is identified
in the functional block diagram.
image-sensing area
Figure 4 and Figure 5 show cross sections with potential-well diagrams and top views of image-sensing
elements. As light enters the silicon in the image-sensing area, free electrons are generated and collected in
the potential wells of the sensing elements. During this time, blooming protection is activated by applying a burst
of pulses to the antiblooming-gate inputs every horizontal-blanking interval. This prevents blooming caused by
the spilling of charge from overexposed elements into neighboring elements. Thirty-four full columns and one
half-column of elements at the right edge of the image-sensing area are shielded from incident light; these
elements provide the dark reference used in subsequent video-processing circuits to restore the video-black
level. There are also one full column and one half-column of light-shielded elements at the left edge of the
image-sensing area and four lines of light-shielded elements at the bottom of the image area immediately above
the multiplexer. The latter prevent charge leakage from the image area into the multiplexer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com