Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPLS506ACFN Datasheet(PDF) 6 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 2Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 3Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 4Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 5Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 6Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MHz
fmax‡
CLK
ns
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
Without C-array
58
65
With C-array
33
45
External feedback without C-array
45
60
External feedback with C-array
R1 = 300
Ω,
28.5
40
Q (nonregistered)
R2 = 390
Ω,
6
25
tpd
Q (registered)
See Figure 5
3
10
I or Feedback
Q (nonregistered)
6
20
ns
ten
OE
↓
Q
1
6
10
ns
tdis
OE
↑
Q
1
6
10
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ See the fmax calculations section.
fmax calculations
The following is a brief description of how the different operating frequencies can be achieved when using the
TIBPLS506A.
fmax without C-(complementary) array =
1
tsu ) tpd CLK to Q
where setup time tsu before CLK at the S/R
register inputs = 12 ns and propagation delay time tpd CLK to Q for the internal S/R registers = 5ns (difference
in tpd from CLK and feedback, 25 to 20).
Thus: fmax for this condition
+
1
(12 + 5) ns
+
1
17 ns
+ 58 MHz.
fmax with the C-array =
1
tsu ) tpd CLK to Q
where tsu setup time before CLK at the S/R register
inputs = 25 ns and propagation delay time tpd CLK to Q for the internal S/R registers = 5 ns (difference in tpd
from CLK and feedback, 25 to 20)
Thus: fmax for this condition
+
1
(25 + 5) ns
+
1
30 ns
+ 33 MHz.
fmax external feedback without the C-array =
1
tsu ) tpd CLK to Q
where setup time tsu before CLK at the
S/R register inputs = 12 ns and propagation delay time tpd CLK to Q for the internal S/R registers = 10 ns
Thus: fmax for this condition
+
1
(12 + 10) ns
+
1
22 ns
+ 45 MHz.
fmax external feedback with the C-array =
1
tsu ) tpd CLK to Q
where setup time tsu before CLK at the S/R
register inputs = 25 ns and propagation delay time tpd CLK to Q for the internal S/R registers = 10 ns.
Thus: fmax for this condition
+
1
(25 + 10) ns
+
1
35 ns
+ 28.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com