Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPLS506ACFN Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 6Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 11Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 12Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 13Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
Table 1. Addressing State Registers
During Diagnostics†
REGISTER BINARY ADDRESS
BURIED REGISTER
PIN 11
PIN13
PIN 14
SELECTED
L
L
L
C1
L
L
H
P15
L
LHH
C0
L
H
L
P14
L
HH
P0
L
HHH
P1
L
HH
L
P2
L
HH
H
P3
L
HH
HH
P4
H
LL
P5
H
LH
P6
H
LHH
P7
H
HL
P8
H
HH
P9
H
H
HH
P10
H
HH
L
P11
H
HH
H
P12
H
HH
HH
P13
† VIHH = 10.25 V min, 10.5 V nom, 10.75 V max
programming information
Texas Instruments programmable logic devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers that are capable of programming Texas
Instruments programmable logic is also available, upon request, from the nearest TI sales office, local
authorized TI distributor, or by calling Texas Instruments at (214) 997-5666.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com